Electronic Components Datasheet Search
  English  ▼

X  

CSP1027 Datasheet(PDF) 53 Page - Agere Systems

Part # CSP1027
Description  CSP1027 Voice Band Codec for Cellular Handset and Modem Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CSP1027 Datasheet(HTML) 53 Page - Agere Systems

Back Button CSP1027 Datasheet HTML 49Page - Agere Systems CSP1027 Datasheet HTML 50Page - Agere Systems CSP1027 Datasheet HTML 51Page - Agere Systems CSP1027 Datasheet HTML 52Page - Agere Systems CSP1027 Datasheet HTML 53Page - Agere Systems CSP1027 Datasheet HTML 54Page - Agere Systems CSP1027 Datasheet HTML 55Page - Agere Systems CSP1027 Datasheet HTML 56Page - Agere Systems CSP1027 Datasheet HTML 57Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
Lucent Technologies Inc.
Data Sheet
CSP1027 Voice Band Codec for
December 1999
Cellular Handset and Modem Applications
53
10 Analog Characteristics and Requirements (continued)
10.3 Digital-to-Analog Path
Notes:
The D/A signal to distortion plus noise ratio decreases by 3 dB for each 3 dB gain step below 0 dB. The D/A SDNR is specified with a differential
load. For a single-ended load, the D/A SDNR is degraded by about 6 dB.
The D/A signal to distortion plus noise ratio is valid for sampling rates up to 16 kHz. For sampling rates between 16 kHz and 24 kHz, the signal
to distortion plus noise ratio is no better than 60 dB.
Table 19. D/A Signal to Distortion Plus Noise Ratio (0 dB Output Setting)
Output Signal Level
Min
Max
Unit
0 dBm0
72
—
dB
–10 dBm0
62
—
dB
–30 dBm0
42
—
dB
–40 dBm0
32
—
dB
–45 dBm0
27
—
dB
–55 dBm0
17
—
dB
Table 20. D/A Relative Gain Accuracy*
* Gain is relative to the 0 dBm0 signal level. Absolute gain accuracy at the 0 dBm0 signal level is ±0.18 dB. Digital-to-analog path gain is spec-
ified with a differential load; a single-ended load adds ±0.1 dB to absolute gain.
Output Signal Level
Min
Max
Unit
+3 dBm0 to –40 dBm0
–0.1
0.1
dB
–40 dBm0 to –50 dBm0
–0.4
0.4
dB
–50 dBm0 to –55 dBm0
–1.2
1.2
dB
Table 21. D/A Output Gain Adjustment
Gain Setting
Min
Typ
Max
Unit
0 dB
–0.2
0
0.2
dB
–3 dB
–3.21
–3.01
–2.81
dB
–6 dB
–6.22
–6.02
–5.82
dB
–9 dB
–9.23
–9.03
–8.83
dB
–12 dB
–12.24
–12.04
–11.84
dB
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
–42 dB
–42.34
–42.14
–41.94
dB
–45 dB
–45.35
–45.15
–44.95
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com