Electronic Components Datasheet Search
  English  ▼

X  

CSP1027 Datasheet(PDF) 38 Page - Agere Systems

Part # CSP1027
Description  CSP1027 Voice Band Codec for Cellular Handset and Modem Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CSP1027 Datasheet(HTML) 38 Page - Agere Systems

Back Button CSP1027 Datasheet HTML 34Page - Agere Systems CSP1027 Datasheet HTML 35Page - Agere Systems CSP1027 Datasheet HTML 36Page - Agere Systems CSP1027 Datasheet HTML 37Page - Agere Systems CSP1027 Datasheet HTML 38Page - Agere Systems CSP1027 Datasheet HTML 39Page - Agere Systems CSP1027 Datasheet HTML 40Page - Agere Systems CSP1027 Datasheet HTML 41Page - Agere Systems CSP1027 Datasheet HTML 42Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
CSP1027 Voice Band Codec for
Data Sheet
Cellular Handset and Modem Applications
December 1999
Lucent Technologies Inc.
38
7 Application Information (continued)
7.4 Crystal Oscillator
If the option for using the external crystal is chosen, the following electrical characteristics and requirements apply.
7.4.1 External Components
The crystal oscillator is enabled by connecting a crystal across XLO and XHI, along with one external capacitor
from each of these pins to ground (see Figure 30). For most applications, 10 pF external capacitors are recom-
mended; however, larger values may be necessary if precise frequency tolerance is required (see Section 7.4.5 on
page 43). The crystal should be either fundamental or overtone mode, be parallel resonant, have a power dissipa-
tion of at least 1 mW, and be specified at a load capacitance equal to the total capacitance seen by the crystal
(including external capacitors and strays). The series resistance of the crystal should be specified to be less than
half the absolute value of the negative resistance shown in Figures 31 or 32 on page 39 for the crystal frequency.
The frequency of the internal clock will be equal to the crystal frequency.
Figure 30. Fundamental Crystal Configuration
7.4.2 Power Dissipation
Figures 33 and 34 on page 40 indicate the typical power dissipation of the on-chip crystal oscillator circuit versus
frequency.
XLO
XHI
XTAL
C1
C2
5-7609 (F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com