Electronic Components Datasheet Search
  English  ▼

X  

CSP1027 Datasheet(PDF) 5 Page - Agere Systems

Part # CSP1027
Description  CSP1027 Voice Band Codec for Cellular Handset and Modem Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CSP1027 Datasheet(HTML) 5 Page - Agere Systems

  CSP1027 Datasheet HTML 1Page - Agere Systems CSP1027 Datasheet HTML 2Page - Agere Systems CSP1027 Datasheet HTML 3Page - Agere Systems CSP1027 Datasheet HTML 4Page - Agere Systems CSP1027 Datasheet HTML 5Page - Agere Systems CSP1027 Datasheet HTML 6Page - Agere Systems CSP1027 Datasheet HTML 7Page - Agere Systems CSP1027 Datasheet HTML 8Page - Agere Systems CSP1027 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
Lucent Technologies Inc.
5
Data Sheet
CSP1027 Voice Band Codec for
December 1999
Cellular Handset and Modem Applications
4 Architectural Information
Figure 3. CSP1027 Block Diagram
5-7559 (F)
IIR
LOW-PASS
CLOCK
GENERATION
CLK
XLO
XHI
CKO1
CKO2
CDIV0 (cioc1), CDIV1 (cioc1),
CDIV2 (cioc0), CDIV3 (cioc2),
CDIF0 (cioc2), CDIF1 (cioc3),
CDIF2 (cioc3)
1 MHz OVERSAMPLING CLOCK
ON-CHIP
VOLTAGE
REFERENCE
CIRCUITS
VREG
(3.0 V)
REFC
A/D INPUT
BLOCK
MIC
AUX
INSEL
cioc0
IRSEL
cioc0
A/D
TEST
cioc0
SYNC-CUBIC
DIGITAL
DECIMATION
FILTER
7th-ORDER
IIR
LOW-PASS
FILTER
3rd-ORDER
IIR
HIGH-PASS
FILTER
C
D
X
(A/D)
DO
STATUS
SIO
CONTROL
1/125
1 MHz OVERSAMPLING CLOCK
8 kHz
IOCK
SYNC
SADD
SMODE2
SMODE1
SMODE0
HPFE
cioc3
M
U
X
DIGITAL
MODULATOR
AND GAIN
ADJUST
D/A
ANALOG
LOW-PASS
FILTER
(35 kHz)
OUTPUT
AMP
AOUTP
AOUTN
SAMPLE/HOLD
AND 7th-ORDER
FILTER
3rd-ORDER
IIR
HIGH-PASS
FILTER
C
D
X
(A/D)
I
S
R
DI
c
i
o
c
3
c
i
o
c
2
c
i
o
c
1
c
i
o
c
0
POWER-ON
RESET
PORCAP
PORB
RSTB
TSTPOR
cioc3
M
U
X
M
U
T
E
M
U
X
M
U
X
O
S
R
M
U
X
TEST
cioc0
DITHER
cioc3
OGSEL
cioc0
HPFE
cioc3
MUTE
cioc0
INTERNAL RESET
EIGS
XOSCEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com