Electronic Components Datasheet Search
  English  ▼

X  

CSP1027 Datasheet(PDF) 34 Page - Agere Systems

Part # CSP1027
Description  CSP1027 Voice Band Codec for Cellular Handset and Modem Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CSP1027 Datasheet(HTML) 34 Page - Agere Systems

Back Button CSP1027 Datasheet HTML 30Page - Agere Systems CSP1027 Datasheet HTML 31Page - Agere Systems CSP1027 Datasheet HTML 32Page - Agere Systems CSP1027 Datasheet HTML 33Page - Agere Systems CSP1027 Datasheet HTML 34Page - Agere Systems CSP1027 Datasheet HTML 35Page - Agere Systems CSP1027 Datasheet HTML 36Page - Agere Systems CSP1027 Datasheet HTML 37Page - Agere Systems CSP1027 Datasheet HTML 38Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
CSP1027 Voice Band Codec for
Data Sheet
Cellular Handset and Modem Applications
December 1999
Lucent Technologies Inc.
34
7 Application Information (continued)
Figure 29 (A—E) on page 35 illustrates five different analog output configurations. In Figure 29A, the output load is
driven in a fully differential manner. It is assumed that the load is floating, having no path to ground. Figure 29B is
similar, but ac-coupling capacitors are used. A low-pass pole is created, whose frequency should be less than
30 Hz in order to not interfere with the voice band frequency response.
In Figure 29C—E, different variations of single-ended loads are shown. In any single-ended configuration, ac-
coupling capacitors are required.
Notes:
Analog (VSSA) and digital (VSS) ground pins are tied together to prevent substrate currents from ground bounce.
Capacitors CA2, CD2, CREF, CREG1, and CREG2 should be type X7R ceramic.
Capacitors CA1 and CD1 should be tantalum or low ESR aluminum.
All capacitors should be located as close to the chip pins as possible.
Keep analog and digital grounds separate, and then join at the VSSA pin.
Keep the regulator as close to the chip as possible.
The power connections are shown when the analog and digital are run from 5.0 V. When the digital is run from a 3.3 V power supply, CD1 and
CD2 go from the 3.3 V regulator to ground, and Ra goes to the 5.0 V regulator.
Figure 28. Analog External Configurations in Preamplifier Mode (EIGS = 0)
5-7607 (F)
AOUTP
AOUTN
Ro
Ro
RL
+
–
–
+
Vo
Vo
CSP1027
VDD
VSS
TO 5.0 V
REGULATOR
VSS
DIGITAL
GND
PLANE
VDDA
VSSA
REFC
Ra
(3
Ω)
CA2
(0.1
µF)
CA1
(10
µF)
VSSA
VSS
VSSA
CREG2
(0.1
µF)
ANALOG
GND PLANE
EIGS
AUXIN
MICIN
VREG
CREG1
(1
µF)
VSSA
Cin
(0.15
µF)
CREF
(0.22
µF)
Vin2
+
MICROPHONE
SHIELDING
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com