Electronic Components Datasheet Search
  English  ▼

X  

CSP1027 Datasheet(PDF) 59 Page - Agere Systems

Part # CSP1027
Description  CSP1027 Voice Band Codec for Cellular Handset and Modem Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CSP1027 Datasheet(HTML) 59 Page - Agere Systems

Back Button CSP1027 Datasheet HTML 55Page - Agere Systems CSP1027 Datasheet HTML 56Page - Agere Systems CSP1027 Datasheet HTML 57Page - Agere Systems CSP1027 Datasheet HTML 58Page - Agere Systems CSP1027 Datasheet HTML 59Page - Agere Systems CSP1027 Datasheet HTML 60Page - Agere Systems CSP1027 Datasheet HTML 61Page - Agere Systems CSP1027 Datasheet HTML 62Page - Agere Systems CSP1027 Datasheet HTML 63Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 64 page
background image
Lucent Technologies Inc.
Data Sheet
CSP1027 Voice Band Codec for
December 1999
Cellular Handset and Modem Applications
59
11 Timing Characteristics and Requirements (continued)
11.4 Serial I/O Communication
Figure 42. Serial Input/Output Timing Diagram
Table 29. Timing Requirements for Serial Input/Output
Abbreviated
Reference
Parameter
5.0 V
3.3 V
3.0 V
Unit
Min
Max
Min
Max
Min
Max
t11
Clock Period (high to high)
50
—*
* Device is fully static; t11 is tested at 100 ns. The frequency of IOCK must be greater than the frequency of the internal oversampling clock
CKOS (FCKOS).
84
—*
120
—*
ns
t12
Clock Low Time (low to change)
20
—
33
—
48
—
ns
t13
Clock High Time (high to change)
20
—
33
—
48
—
ns
t14
Sync High Setup (high to high)
6
—
11
—
13
—
ns
t15
Sync Low Setup (low to high)
9
—
15
—
20
—
ns
t16
Sync Hold (high to invalid)
0
—
0
—
0
—
ns
t17
Data Setup (valid to high)
6
—
11
—
13
—
ns
t18
Data Hold (high to invalid)
0
—
0
—
0
—
ns
t19
Address Setup (valid to high)
9
—
15
—
20
—
ns
t20
Address Hold (high to invalid)
0
—
0
—
0
—
ns
Table 30. Timing Characteristics for Serial Input/Output
Abbreviated
Reference
Parameter
5.0 V
3.3 V
3.0 V
Unit
Min
Max
Min
Max
Min
Max
t21
Data/Status Delay (high to valid)
—
26
—
50
—
57
ns
t22
Data/Status Hold (high to invalid)
2
—
2
—
2
—
ns
t11
t13
t12
t14
t16
t15
t16
t17
t18
t19
t20
t21
t22
t22
t20
t18
SYNC
VIH–
VIL–
DI
VIH–
VIL–
SADD
VIH–
VIL–
DO
VOH–
VOL–
IOCK
VIH–
VIL–
B15
B14
B8
B0
AD0
AD1
AS0
AS7
B15
B14
B8
B0
5-7621 (F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com