Electronic Components Datasheet Search
  English  ▼

X  

CSP1027 Datasheet(PDF) 48 Page - Agere Systems

Part # CSP1027
Description  CSP1027 Voice Band Codec for Cellular Handset and Modem Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CSP1027 Datasheet(HTML) 48 Page - Agere Systems

Back Button CSP1027 Datasheet HTML 44Page - Agere Systems CSP1027 Datasheet HTML 45Page - Agere Systems CSP1027 Datasheet HTML 46Page - Agere Systems CSP1027 Datasheet HTML 47Page - Agere Systems CSP1027 Datasheet HTML 48Page - Agere Systems CSP1027 Datasheet HTML 49Page - Agere Systems CSP1027 Datasheet HTML 50Page - Agere Systems CSP1027 Datasheet HTML 51Page - Agere Systems CSP1027 Datasheet HTML 52Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
CSP1027 Voice Band Codec for
Data Sheet
Cellular Handset and Modem Applications
December 1999
Lucent Technologies Inc.
48
9 Electrical Characteristics and Requirements
The following electrical characteristics are preliminary and are subject to change. Electrical characteristics refer to
the behavior of the device under specified conditions. Electrical requirements refer to conditions imposed on the
user for proper operation of the device. The parameters below are valid for the following conditions:
VDD = 5 V ± 10% (See Section 8.3 on page 47 for exceptions.)
Table 12. Digital Electrical Characteristics and Requirements
Parameter
Symbol
Min
Max
Unit
Input Voltage (except PORCAP):
Low
High
VIL
VIH
—
0.7 x VDD
0.3 x VDD
—
V
V
PORCAP Input Voltage:
Low
High
VIL
VIH
—
0.7 x VDD
0.5 x VDD
—
V
V
Input Current (except EIGS, IOCK, PORCAP):
Low (VIL = 0 V)
High (VIH = 5.5 V)
IIL
IIH
–5
—
—
5
µA
µA
Input Current (EIGS):
Low (VIL = 0 V)
High (VIH = 5.5 V)
IIL
IIH
–5
—
—
100
µA
µA
Input Current (IOCK):
Low (VIL = 0 V)
High (VIH = 5.5 V)
IIL
IIH
–100
—
—
5
µA
µA
Input Current (PORCAP):
Low (VIL = 0 V)
High (VIH = 5.5 V)
IIL
IIH
–100
—
—
5
µA
µA
Output Low Voltage:
Low (IOL = 2.0 mA)
Low (IOL = 50 µA)
VOL
VOL
—
—
0.4
0.2
V
V
Output High Voltage:
High (IOH = –2.0 mA)
High (IOH = –50 µA)
VOH
VOH
VDD – 0.7
VDD – 0.2
—
—
V
V
Output 3-State Current:
Low (VDD = 5.5 V, VIL = 0 V)
High (VDD = 5.5 V, VIH = 5.5 V)
IOZL
IOZH
–10
—
—
10
µA
µA
Input Capacitance
CI
—
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com