Electronic Components Datasheet Search
  English  ▼

X  

CSP1027 Datasheet(PDF) 43 Page - Agere Systems

Part # CSP1027
Description  CSP1027 Voice Band Codec for Cellular Handset and Modem Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CSP1027 Datasheet(HTML) 43 Page - Agere Systems

Back Button CSP1027 Datasheet HTML 39Page - Agere Systems CSP1027 Datasheet HTML 40Page - Agere Systems CSP1027 Datasheet HTML 41Page - Agere Systems CSP1027 Datasheet HTML 42Page - Agere Systems CSP1027 Datasheet HTML 43Page - Agere Systems CSP1027 Datasheet HTML 44Page - Agere Systems CSP1027 Datasheet HTML 45Page - Agere Systems CSP1027 Datasheet HTML 46Page - Agere Systems CSP1027 Datasheet HTML 47Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
Lucent Technologies Inc.
Data Sheet
CSP1027 Voice Band Codec for
December 1999
Cellular Handset and Modem Applications
43
7 Application Information (continued)
7.4.5 Frequency Accuracy Considerations
For most applications, clock frequency errors in the hundreds of parts per million (ppm) can be tolerated with no
adverse effect. However, for applications where precise frequency tolerance on the order 100 ppm is required, care
must be taken in the choice of external components (crystal and capacitors) as well as in the layout of the printed-
circuit board. Several factors determine the frequency accuracy of a crystal-based oscillator circuit. Some of these
factors are determined by the properties of the crystal itself. Generally, a low-cost, standard crystal will not be suffi-
cient for a high-accuracy application, and a custom crystal must be specified. Most crystal manufacturers provide
extensive information concerning the accuracy of their crystals, and an applications engineer from the crystal ven-
dor should be consulted prior to specifying a crystal for a given application.
In addition to absolute, temperature, and aging tolerances of a crystal, the operating frequency of a crystal is also
determined by the total load capacitance seen by the crystal. When ordering a crystal from a vendor, it is neces-
sary to specify a load capacitance at which the operating frequency of the crystal will be measured. Variations in
this load capacitance due to temperature and manufacturing variations will cause variations in the operating fre-
quency of the oscillator. Figure 36 illustrates some of the sources of this variation.
Notes:
CEXT =
External load capacitor (one each required for XLO and XHI).
CD =
Parasitic capacitance of the CSP1027 itself.
CB =
Parasitic capacitance of the printed-wiring board.
C0 =
Parasitic capacitance of crystal (not part of CL, but still a source of frequency variation).
Figure 36. Components of Load Capacitance for Crystal Oscillator
The load capacitance, CL, must be specified to the crystal vendor. The crystal manufacturer will cut the crystal so
that the frequency of oscillation will be correct when the crystal sees this load capacitance. Note that CL refers to a
capacitance seen across the crystal leads, meaning that for the circuit shown in Figure 36, CL is the series combi-
nation of the two external capacitors (CEXT/2) plus the equivalent board and device strays (CB/2 + CD/2). For exam-
ple, if 10 pF external capacitors were used and parasitic capacitance is neglected, then the crystal should be
specified for a load capacitance of 5 pF. If the load capacitance deviates from this value due to the tolerance on the
external capacitors or the presence of strays, then the frequency will also deviate.
XLO
XHI
XTAL
CD
CB
CEXT
CD
CB
CEXT
CL
CO
5-7615 (F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com