Electronic Components Datasheet Search
  English  ▼

X  

CSP1027 Datasheet(PDF) 32 Page - Agere Systems

Part # CSP1027
Description  CSP1027 Voice Band Codec for Cellular Handset and Modem Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CSP1027 Datasheet(HTML) 32 Page - Agere Systems

Back Button CSP1027 Datasheet HTML 28Page - Agere Systems CSP1027 Datasheet HTML 29Page - Agere Systems CSP1027 Datasheet HTML 30Page - Agere Systems CSP1027 Datasheet HTML 31Page - Agere Systems CSP1027 Datasheet HTML 32Page - Agere Systems CSP1027 Datasheet HTML 33Page - Agere Systems CSP1027 Datasheet HTML 34Page - Agere Systems CSP1027 Datasheet HTML 35Page - Agere Systems CSP1027 Datasheet HTML 36Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
CSP1027 Voice Band Codec for
Data Sheet
Cellular Handset and Modem Applications
December 1999
Lucent Technologies Inc.
32
6 Signal Descriptions (continued)
6.3.8 SADD
Serial Address: When not in multiprocessor mode,
SADD is an input that selects between the codec data
registers, cdx(D/A) and cdx(A/D), and codec control
registers, cioc[0:3]. SADD is inverted and latched on the
rising edge of IOCK and compared against a zero for
data and a one for control, to determine if input data on
DI is loaded from the input shift register (isr) into
cdx(D/A) or one of cioc[0:3]. Once SADD indicates a
control word, the internal codec status flag appears on
DO, replacing cdx(A/D). While not performing a serial
transmission, SADD low causes the internal codec sta-
tus flag to be output on DO.
In multiprocessor mode, SADD is an output when the
tdms time slot dictates a serial output transmission; oth-
erwise, it is an input. While an output, SADD is the
inverted 8-bit serial transmit address output, LSB first.
SADD changes on the rising edges of IOCK. While an
input, SADD is inverted and latched on the rising edge
of IOCK and compared against the cdx(D/A) and
cioc[0:3] serial receive addresses to determine if input
data on DI is loaded from the input shift register (isr) into
cdx(D/A) or cioc.
6.4 External Gain Control Interface
The external gain control interface consists of one input.
6.4.1 EIGS
External Input Gain Select: A logic low or no connect
selects the microphone preamplifier. A logic high selects
the single op amp input mode where external resistors
set the A/D input range. Note that EIGS is a digital pin
whose input levels are relative to digital power and
ground (VDD and VSS).
6.5 Digital Power and Ground
VDD
Digital Power Supply: 3.0 V to 5.0 V supply.
VSS
Digital Ground: 0 V.
6.6 Analog Interface
The analog interface consists of the two inputs, two out-
puts, a regulated output voltage reference, and a capac-
itor connection for the codec.
6.6.1 MICIN
Analog Input from Microphone: Low-level analog sig-
nal from electret condenser microphone selected by
INSEL bit in codec control register, cioc0 (see Table 7
on page 26).
6.6.2 AUXIN
Analog Input from Auxiliary: When used in preampli-
fier mode (EIGS = 0), AUXIN is a low-level analog signal
selected by INSEL bit in codec control register, cioc0
(see Table 7 on page 26). The characteristics of AUXIN
are identical to MICIN.
When used in external gain select mode (EIGS = 1),
AUXIN is the output of the inverting amplifier. The INSEL
bit has no effect in this mode.
6.6.3 AOUTP
Noninverting Analog Output: In conjunction with
AOUTN, this output can drive a 2 k
Ω load in differential
mode or a 1 k
Ω load ac-coupled to analog ground.
6.6.4 AOUTN
Inverting Analog Output: In conjunction with AOUTP,
this output can drive a 2 k
Ω load in differential mode or a
1 k
Ω load ac-coupled to ground.
6.6.5 VREG
Regulated Output Voltage: For electret condenser
microphone. Vout = 3 V ± 10%, Iout = 250 µA max. A
1 µF and 0.1 µF ceramic type X7R capacitor to ground
must be provided at this pin (see Figure 28 on page 34).
6.6.6 REFC
External Capacitor Connection: Internal voltage regu-
lator bypassing. A 0.22 µF ceramic type X7R capacitor
to ground must be provided at this pin.
6.7 Analog Power and Ground
VDDA
Analog Power Supply: 5.0 V supply.
VSSA
Analog Ground: 0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com