Electronic Components Datasheet Search
  English  ▼

X  

CSP1027 Datasheet(PDF) 29 Page - Agere Systems

Part # CSP1027
Description  CSP1027 Voice Band Codec for Cellular Handset and Modem Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CSP1027 Datasheet(HTML) 29 Page - Agere Systems

Back Button CSP1027 Datasheet HTML 25Page - Agere Systems CSP1027 Datasheet HTML 26Page - Agere Systems CSP1027 Datasheet HTML 27Page - Agere Systems CSP1027 Datasheet HTML 28Page - Agere Systems CSP1027 Datasheet HTML 29Page - Agere Systems CSP1027 Datasheet HTML 30Page - Agere Systems CSP1027 Datasheet HTML 31Page - Agere Systems CSP1027 Datasheet HTML 32Page - Agere Systems CSP1027 Datasheet HTML 33Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
Lucent Technologies Inc.
29
Data Sheet
CSP1027 Voice Band Codec for
December 1999
Cellular Handset and Modem Applications
5 Register Information (continued)
5.4 Codec I/O Control 3 (cioc3) Register
Table 10. Codec I/O Control 3 (cioc3) Register
Bit
15—14
13
12
11
10—6
5—0
Field
Reg
TSTPOR
HPFE
DITHER
CDIF2
CDIF1
Field
Value
Description
Reg
11
Indicates control register 0.
TSTPOR
0*
1
* Value upon reset.
Normal operation.
Test on-chip power-on reset pulse generator.
HPFE
0*
Enable high-pass filter in A/D and D/A.
1
Disable high-pass filter in A/D and D/A.
DITHER
0*
Enable dither on D/A converter.
1
Disable dither on D/A converter.
CDIF2
0 0000*
Sampling rate, CKS = ICLK0 ÷ (CDIV3 x 125).
0 0000
Sampling rate, CKS = ICLK0 ÷ 256. (Note: CDIV3 must be set to 2.)
0 0000
Sampling rate, CKS = ICLK0 ÷ 1458. (Note: CDIV3 must be set to 12.)
W WWWW
Sampling rate, CKS = ICLK0 ÷ (125 x M + S x N). See Section 4.5 on page 16.
CDIF1
00 0000*
Sampling rate, CKS = ICLK0 ÷ (CDIV3 x 125).
10 0110
Sampling rate, CKS = ICLK0 ÷ 256. (Note: CDIV3 must be set to 2.)
11 0110
Sampling rate, CKS = ICLK0 ÷ 1458. (Note: CDIV3 must be set to 12.)
WW WWWW
Sampling rate, CKS = ICLK0 ÷ (125 x M + S x N). See Section 4.5 on page 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com