Electronic Components Datasheet Search
  English  ▼

X  

CSP1027 Datasheet(PDF) 17 Page - Agere Systems

Part # CSP1027
Description  CSP1027 Voice Band Codec for Cellular Handset and Modem Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CSP1027 Datasheet(HTML) 17 Page - Agere Systems

Back Button CSP1027 Datasheet HTML 13Page - Agere Systems CSP1027 Datasheet HTML 14Page - Agere Systems CSP1027 Datasheet HTML 15Page - Agere Systems CSP1027 Datasheet HTML 16Page - Agere Systems CSP1027 Datasheet HTML 17Page - Agere Systems CSP1027 Datasheet HTML 18Page - Agere Systems CSP1027 Datasheet HTML 19Page - Agere Systems CSP1027 Datasheet HTML 20Page - Agere Systems CSP1027 Datasheet HTML 21Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
Lucent Technologies Inc.
17
Data Sheet
CSP1027 Voice Band Codec for
December 1999
Cellular Handset and Modem Applications
4 Architectural Information (continued)
CDIV0 has values of 1 or 2, ADJMOD is 0 or 1, and
ADJMOD ranges from 1 to 127, with 0 selecting no
clock adjust. RSTB going low sets CDIV0 to ÷2. ICLK0
is active while RSTB is low and synchronized by RSTB
going high.
4.5.4 Clock Divider 1
Figure 20. Clock Divider 1
The CDIV1 field in cioc1 (see Table 8 on page 27) sets
a clock divider that generates the CKO1 output clock.
This general-purpose clock output can be used for
clocking another codec in the system, such as the
CSP1084. The ability to phase adjust the output clock
and the codec sampling clock simultaneously is an
important feature. CDIV1 ranges from 1 to 31, with 0
disabling the output. RSTB going low sets CDIV1
to ÷16. CKO1 is active while RSTB is low and synchro-
nized by RSTB going high.
4.5.5 Sampling Clocks Generation
Figure 21. Sampling Clocks Generation
The oversampling codec clock CKOS, typically 1 MHz,
is used in the front sections of the A/D and the back
sections of the D/A. The lower-frequency codec clock,
CKS, typically 8 kHz, is the sample clock at the output
of the A/D and the input to the D/A. The sampling clock
frequency, fS, is the oversampling clock frequency, fOS,
divided by 125 (the fixed oversampling ratio). The
divide by 125 must remain fixed, since it is constrained
by the architecture of the codec digital filters. Many sys-
tems, however, have fixed high-frequency clocks and
fixed sampling clocks, so it is necessary to have a great
deal of flexibility in the creation of the codec clock CKS.
The CSP1027 solves this problem in a unique way, by
providing a programmable, fractional divider, F1.
F1 is the programmable ratio between ICLK0 and
CKOS. The equation for F1 is:
where 3
≤ M ≤ 64, 0 ≤ N ≤ 62, and S = {1, –1};
or M = 2, 0
≤ N ≤ 62, and S = 1;
or M = 1, N = 0, and S = 1.
M is encoded by CDIV3 (see Table 3 on page 18), N is
encoded by CDIF0, CDIF1, and CDIF2 (see Table 5 on
page 19), and S is encoded by CDIFS (see Table 4 on
page 18).
CKS is generated by dividing CKOS by 125. The fre-
quency of CKS can be described by:
Note that when N = 0, ICLK0 is simply divided by the
integer M to create the oversampling clock, CKOS. This
is the preferred method for generating the sampling
clock. If N
≠ 0, the fractional division results in an over-
sampling clock, CKOS, whose period varies with time
such that the average period is the desired fraction.
This variation in the oversampling clock period is mini-
mized by the clock generator but can cause distortion
in the codec. Because the denominator of the fraction
is fixed at 125, the period of the sampling clock, CKS,
will be an integer multiple of the period of the internal
clock, ICLK0, and will not vary. This is more clearly
shown by the following equation:
The expanded equation below explains what is hap-
pening in the time domain:
During each sampling period,
, there are (125 – N)
oversampling clock cycles of period
and N
oversampling clock cycles of period
. The N
oversampling clock cycles are evenly distributed
among the (125 – N) oversampling clock cycles to min-
imize the distortion due to oversampling clock cycles of
differing period. The values for CDIF[0—2] in Table 5
on page 19 have been selected to achieve the even
distribution.
÷CDIV1
ICLK0
CKO1
5-7587 (F)
÷F1
ICLK0
CKS
÷125
CKOS
CDIFS, CDIF0, DSIF1,
CDIF2, CDIV3
5-7586 (F)
F1
M
S
N
125
----------
×


+
=
fS
fOS
125
÷
fICLK0
MS
N
125
----------
×
+


÷
125
÷
==
fICLK0
fS
----------------
125
M
×
()
SN
×
()
+
=
1
fS
-----
125
N
–
()
M
fICLK0
----------------
×
N
MS
+
()
fICLK0
--------------------
×
+
=
1
fS
-----
M
fICLK0
----------------
MS
+
()
fICLK0
--------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com