Electronic Components Datasheet Search
  English  ▼

X  

CSP1027 Datasheet(PDF) 39 Page - Agere Systems

Part # CSP1027
Description  CSP1027 Voice Band Codec for Cellular Handset and Modem Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CSP1027 Datasheet(HTML) 39 Page - Agere Systems

Back Button CSP1027 Datasheet HTML 35Page - Agere Systems CSP1027 Datasheet HTML 36Page - Agere Systems CSP1027 Datasheet HTML 37Page - Agere Systems CSP1027 Datasheet HTML 38Page - Agere Systems CSP1027 Datasheet HTML 39Page - Agere Systems CSP1027 Datasheet HTML 40Page - Agere Systems CSP1027 Datasheet HTML 41Page - Agere Systems CSP1027 Datasheet HTML 42Page - Agere Systems CSP1027 Datasheet HTML 43Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
Lucent Technologies Inc.
Data Sheet
CSP1027 Voice Band Codec for
December 1999
Cellular Handset and Modem Applications
39
7 Application Information (continued)
Figure 31. Negative Resistance of Crystal Oscillator Circuit, VDD = 4.75 V
Figure 32. Negative Resistance of Crystal Oscillator Circuit, VDD = 3.0 V
5-7610 (F)
0
–20
–40
–60
–80
–100
–120
–140
–200
5
1015
202530
354045
50
FREQUENCY (MHz)
–160
–180
CEXT =
50 pF
XLO
XHI
C1
C2
C0
Z(
ω)
C1 = C2 = CEXT
PROC
5.0 V
3.0 V
5.0 V
3.0 V
5.0 V
3.0 V
CEXT
10 pF
10 pF
20 pF
20 pF
50 pF
50 pF
C0 = PARASITIC CAPACITANCE OF
CRYSTAL (7 pF MAXIMUM)
CEXT =
10 pF
CEXT =
20 pF
5-7611 (F)
0
–20
–40
–60
–80
–100
–120
–140
–200
6
1014182226303438
FREQUENCY (MHz)
–160
–180
XLO
XHI
C1
C2
C0
Z(
ω)
C1 = C2 = CEXT
PROC
5.0 V
3.0 V
5.0 V
3.0 V
5.0 V
3.0 V
CEXT
10 pF
10 pF
20 pF
20 pF
50 pF
50 pF
8
12162024283236
40
CEXT =
50 pF
C0 = PARASITIC CAPACITANCE OF
CRYSTAL (7 pF MAXIMUM)
CEXT =
10 pF
CEXT =
20 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com