Electronic Components Datasheet Search
  English  ▼

X  

CSP1027 Datasheet(PDF) 30 Page - Agere Systems

Part # CSP1027
Description  CSP1027 Voice Band Codec for Cellular Handset and Modem Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CSP1027 Datasheet(HTML) 30 Page - Agere Systems

Back Button CSP1027 Datasheet HTML 26Page - Agere Systems CSP1027 Datasheet HTML 27Page - Agere Systems CSP1027 Datasheet HTML 28Page - Agere Systems CSP1027 Datasheet HTML 29Page - Agere Systems CSP1027 Datasheet HTML 30Page - Agere Systems CSP1027 Datasheet HTML 31Page - Agere Systems CSP1027 Datasheet HTML 32Page - Agere Systems CSP1027 Datasheet HTML 33Page - Agere Systems CSP1027 Datasheet HTML 34Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
CSP1027 Voice Band Codec for
Data Sheet
Cellular Handset and Modem Applications
December 1999
Lucent Technologies Inc.
30
6 Signal Descriptions
Figure 27. CSP1027 Pinout by Interface
Figure 27 shows the pinout by interface for the
CSP1027. The signals can be separated into five inter-
faces as shown. These interfaces and the signals that
comprise them are described below.
6.1 Clock Interface
The clock interface consists of the clock input, crystal
oscillator, and clock outputs for the codec.
6.1.1 CLK
Clock Input: The input clock for the CSP1027 when
the XOSCEN is a logic low. Codec operation restricts
CLK to integer frequencies from 1 MHz to 40 MHz or
specific multiples of 8 kHz. When XOSCEN is tied to
logic high, the CLK input is not selected but should be
tied low or high to minimize input buffer power.
6.1.2 XLO
Crystal Input: The crystal for CSP1027 voice band
codec is connected between XLO and XHI. When the
crystal is not being used, this pin is to be left floating
and the CMOS clock applied to CLK.
6.1.3 XHI
Crystal Output: The crystal for CSP1027 handset
codec is connected between XLO and XHI. When the
crystal is not being used, this pin is to be left floating
and the CMOS clock applied to CLK.
6.1.4 XOSCEN
Crystal Oscillator Enable: When a logic high, the
crystal oscillator is selected for XLO and XHI pins.
When a logic low, the input buffer is selected for CLK
pin and the crystal oscillator is powered down.
Note: The XOSCEN pin does not have a pull-up or
pull-down device. Make sure that it is tied to VDD,
tied to VSS, or driven by valid logic levels.
CSP1027
CLK
XOSCEN
XLO
XHI
CKO1
CKO2
RSTB
PORCAP
PORB
IOCK
SYNC
DI
DO
SADD
SMODE0
SMODE1
SMODE2
EIGS
MICIN
AUXIN
VREG
AOUTP
AOUTN
REFC
CLOCK
INTERFACE
RESET
INTERFACE
SERIAL
INTERFACE
EXTERNAL
GAIN SELECT
INTERFACE
ANALOG
INTERFACE
5-7606 (F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com