Electronic Components Datasheet Search
  English  ▼

X  

CSP1027 Datasheet(PDF) 27 Page - Agere Systems

Part # CSP1027
Description  CSP1027 Voice Band Codec for Cellular Handset and Modem Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CSP1027 Datasheet(HTML) 27 Page - Agere Systems

Back Button CSP1027 Datasheet HTML 23Page - Agere Systems CSP1027 Datasheet HTML 24Page - Agere Systems CSP1027 Datasheet HTML 25Page - Agere Systems CSP1027 Datasheet HTML 26Page - Agere Systems CSP1027 Datasheet HTML 27Page - Agere Systems CSP1027 Datasheet HTML 28Page - Agere Systems CSP1027 Datasheet HTML 29Page - Agere Systems CSP1027 Datasheet HTML 30Page - Agere Systems CSP1027 Datasheet HTML 31Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
Lucent Technologies Inc.
27
Data Sheet
CSP1027 Voice Band Codec for
December 1999
Cellular Handset and Modem Applications
5 Register Information (continued)
5.2 Codec I/O Control 1 (cioc1) Register
Table 8. Codec I/O Control 1 (cioc1) Register
Bit
15—14
13
12—6
5
4—0
Field
Reg
ADJMOD
ADJ[6:0]
CDIV0
CDIV1
Field
Value
Description
Reg
01
Indicates control register 0.
ADJMOD
0*
* Value upon reset.
Select retard mode for internal clock, ICLK0, adjustment.
1
Select advance mode for internal clock, ICLK0, adjustment.
ADJ
000 0000*
Internal clock, ICLK0, not adjusted.
000 0001
Internal clock, ICLK0, adjusted by one ICLK cycle for one ICLK0 cycle.
000 0010
Internal clock, ICLK0, adjusted by one ICLK cycle for two ICLK0 cycles.
.
.
.
.
.
.
111 1110
Internal clock, ICLK0, adjusted by one ICLK cycle for 126 ICLK0 cycles.
111 1111
Internal clock, ICLK0, adjusted by one ICLK cycle for 127 ICLK0 cycles.
CDIV0
0
Internal clock, ICLK0 = ICLK ÷ 1.
1*
Internal clock, ICLK0 = ICLK ÷ 2.
CDIV1
0 0000
Output clock 1, CKO1, disabled.
0 0001
Output clock 1, CKO1 = ICLK0 ÷ 1.
0 0010
Output clock 1, CKO1 = ICLK0 ÷ 2.
.
.
.
.
.
.
1 0000*
Output clock 1, CKO1 = ICLK0 ÷ 16.
.
.
.
.
.
.
1 1110
Output clock 1, CKO1 = ICLK0 ÷ 30.
1 1111
Output clock 1, CKO1 = ICLK0 ÷ 31.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com