Electronic Components Datasheet Search
  English  ▼

X  

CSP1027 Datasheet(PDF) 55 Page - Agere Systems

Part # CSP1027
Description  CSP1027 Voice Band Codec for Cellular Handset and Modem Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CSP1027 Datasheet(HTML) 55 Page - Agere Systems

Back Button CSP1027 Datasheet HTML 51Page - Agere Systems CSP1027 Datasheet HTML 52Page - Agere Systems CSP1027 Datasheet HTML 53Page - Agere Systems CSP1027 Datasheet HTML 54Page - Agere Systems CSP1027 Datasheet HTML 55Page - Agere Systems CSP1027 Datasheet HTML 56Page - Agere Systems CSP1027 Datasheet HTML 57Page - Agere Systems CSP1027 Datasheet HTML 58Page - Agere Systems CSP1027 Datasheet HTML 59Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
Lucent Technologies Inc.
Data Sheet
CSP1027 Voice Band Codec for
December 1999
Cellular Handset and Modem Applications
55
11 Timing Characteristics and Requirements
The following timing characteristics and requirements are preliminary information and are subject to change. Tim-
ing characteristics refer to the behavior of the device under specified conditions. Timing requirements refer to con-
ditions imposed on the user for proper operation of the device. All timing data is valid for the following conditions:
TA = –40 °C to +85 °C or 0 °C to 70 °C (See Section 8.2 on page 47.)
VDD = 5 V ± 0.5 V, 3.3 V ± 0.3 V, or 3.0 V ± 0.3 V, VSS = 0 V (See Section 8.2 on page 47.)
Capacitance load on outputs (CL) = 50 pF
Output characteristics can be derated as a function of load capacitance (CL).
All outputs: dt/dCL
≤ 0.06 ns/pF for 0 ≤ CL ≤ 100 pF at VIH for rising edge
dt/dCL
≤ 0.05 ns/pF for 0 ≤ CL ≤ 100 pF at VIL for falling edge
For example, if the actual load capacitance is 30 pF instead of 50 pF, the derating for a rising edge is
(30 pF – 50 pF) x 0.06 ns/pF = 1.2 ns less than the specified rise time or delay which includes a rise time.
Test conditions for inputs:
s
Rise and fall times of 4 ns or less
s
Timing reference levels for delays = VIH, VIL
Test conditions for outputs:
s
CLOAD = 50 pF
s
Timing reference levels for delays = VIH, VIL
s
3-state delays measured to the high-impedance state of the output driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com