Electronic Components Datasheet Search
  English  ▼

X  

CSP1027 Datasheet(PDF) 61 Page - Agere Systems

Part # CSP1027
Description  CSP1027 Voice Band Codec for Cellular Handset and Modem Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CSP1027 Datasheet(HTML) 61 Page - Agere Systems

Back Button CSP1027 Datasheet HTML 56Page - Agere Systems CSP1027 Datasheet HTML 57Page - Agere Systems CSP1027 Datasheet HTML 58Page - Agere Systems CSP1027 Datasheet HTML 59Page - Agere Systems CSP1027 Datasheet HTML 60Page - Agere Systems CSP1027 Datasheet HTML 61Page - Agere Systems CSP1027 Datasheet HTML 62Page - Agere Systems CSP1027 Datasheet HTML 63Page - Agere Systems CSP1027 Datasheet HTML 64Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 61 / 64 page
background image
Lucent Technologies Inc.
Data Sheet
CSP1027 Voice Band Codec for
December 1999
Cellular Handset and Modem Applications
61
11 Timing Characteristics and Requirements (continued)
11.5 Serial Multiprocessor Communication
Figure 44. SIO Multiprocessor Timing Diagram
Note: Capacitance load on DO, SYNC, and SADD = 100 pF.
Table 32. Timing Requirements for Multiprocessor Communication
Abbreviated
Reference
Parameter
5.0 V
3.3 V
3.0 V
Unit
Min
Max
Min
Max
Min
Max
t25
Sync High Setup (high to high)
10
—
16
—
23
—
ns
t26
Sync Low Setup (low to high)
22
—
35
—
44
—
ns
t27
Sync Hold (high to invalid)
2
—
0
—
0
—
ns
Table 33. Timing Characteristics for Multiprocessor Communication
Abbreviated
Reference
Parameter
5.0 V
3.3 V
3.0 V
Unit
Min
Max
Min
Max
Min
Max
t28
Data Delay (bit 0 only) (low to valid)
—
24
—
48
—
55
ns
t29
Data Disable Delay (high to 3-state)
—
18
—
26
—
35
ns
t30
Address Delay (bit 0 only) (low to valid)
—
26
—
50
—
57
ns
t31
Address Delay (high to valid)
—
22
—
40
—
48
ns
t32
Address Hold (low to valid)
2
—
2
—
2
—
ns
t33
Address Disable Delay (high to 3-state)
—
18
—
28
—
35
ns
B15
B14
B8
B7
B0
B15
B0
AD0
AD1
AD7
AS0
AD0
AS7
IOCK
SYNC
VIH–
VIL–
DO/DI
VOH–
VOL–
SADD
t27
t26
t27
t25
t28
t31
t30
t32
t33
t29
5-7623 (F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com