Electronic Components Datasheet Search
  English  ▼

X  

LM4308 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM4308
Description  18-bit i80 CPU Display Interface, Supports up to 640 x 480 VGA Formats
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4308 Datasheet(HTML) 5 Page - Texas Instruments

  LM4308 Datasheet HTML 1Page - Texas Instruments LM4308 Datasheet HTML 2Page - Texas Instruments LM4308 Datasheet HTML 3Page - Texas Instruments LM4308 Datasheet HTML 4Page - Texas Instruments LM4308 Datasheet HTML 5Page - Texas Instruments LM4308 Datasheet HTML 6Page - Texas Instruments LM4308 Datasheet HTML 7Page - Texas Instruments LM4308 Datasheet HTML 8Page - Texas Instruments LM4308 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
LM4308
www.ti.com
SNLS225C – AUGUST 2007 – REVISED MAY 2013
ELECTRICAL CHARACTERISTICS (continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
(1) (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IDD
Total Supply
Master (6)
VDDIO
64
µA
Current—Enabled
VDD/VDDA
18
mA
Conditions: CLK = 30MHx (8X
Slave (6)
VDDIO
18
mA
mode), DC = 240MHz,
DD = 480Mbps
VDD/VDDA
Worse Case Data Pattern,
7
mA
constant WRITE
Supply Current—Enabled
Master
VDDIO
10
µA
Bus Idle (WR* = H)
VDD/VDDA
8.2
mA
Slave
VDDIO
>1
µA
VDD/VDDA
2.9
mA
IDDZ
Supply Current—Disable
Master
VDDIO
8
µA
Power Down Modes
PD* = L, or CLK stop
VDD/VDDA
9
µA
Slave
VDDIO
8
µA
PD* = L, or Auto
VDD/VDDA
9
µA
Sleep
PD
Power Dissipation
25% Bus active
Master
15
mW
Slave
6
mW
Idle Bus
Master
14.8
mW
Slave
5.2
mW
QVGA (7)
Master
195
µW
Slave
8
µW
PD*=L
Master
>0.1
µW
Slave
>0.1
µW
(6)
For IDD measurements a checkerboard pattern 2AAAA-15555 was used.
(7)
Typical PD for QVGA application. Conditions: 1.8V, 25C, 19.2MHz CLK and 8X, 10% blanking, 1fps. Link is started up, 1 frame (240 x
320) is sent and link is powered down.
SWITCHING CHARACTERISTICS
Over recommended operating supply and temperature ranges unless otherwise specified.
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
PARALLEL BUS TIMING See also Table 5 and Figure 9
tSET
Set Up Time
Master Input, WRITE
5
ns
tHOLD
Hold Time
5
ns
tRISE
Rise Time
RD* and WR* Slave
VDDIO = 1.6V
7
ns
Outputs(2)
RDS = H
CL = 15 pF, Figure 2 V
DDIO = 3.0V
7
ns
RDS = L
tFALL
Fall Time
VDDIO = 1.6V
7
ns
RDS = H
VDDIO = 3.0V
6
ns
RDS = L
SERIAL BUS TIMING
tDVBC
Data Valid before DC Clock
Master (3)
26%
74%
UI
tDVAC
Data Valid after DC Clock
26%
74%
UI
tSset
Serial Set Time
Slave (4)
400
ps
tShold
Serial Hold Time
400
ps
tT
Transition Time
Master
20% to 80%
200
ps
(1)
Typical values are given for VDDIO = 1.8V and VDD = VDDA = 1.8V and TA = 25°C.
(2)
Rise and Fall Time tested on the following pins only: WR* and RD*.
(3)
Specification is ensured by characterization and is not tested in production.
(4)
Specification is ensured by design and is not tested in production.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4308



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com