Electronic Components Datasheet Search
  English  ▼

X  

LM4308 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM4308
Description  18-bit i80 CPU Display Interface, Supports up to 640 x 480 VGA Formats
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4308 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM4308 Datasheet HTML 8Page - Texas Instruments LM4308 Datasheet HTML 9Page - Texas Instruments LM4308 Datasheet HTML 10Page - Texas Instruments LM4308 Datasheet HTML 11Page - Texas Instruments LM4308 Datasheet HTML 12Page - Texas Instruments LM4308 Datasheet HTML 13Page - Texas Instruments LM4308 Datasheet HTML 14Page - Texas Instruments LM4308 Datasheet HTML 15Page - Texas Instruments LM4308 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
DATA[17:0]
DATA[17:0]
T1 T2
AD
WR*
CS1* or CS2*
other CS*=H
T3
T4
T5
AD
WR*
RD*
MASTER
INPUT
SLAVE
OUTPUT
T7
T6
T8
RD*
14
DC
DC
DD
CS1* or CS2*
other CS* = H
T9
LM4308
SNLS225C – AUGUST 2007 – REVISED MAY 2013
www.ti.com
Figure 9. WRITE Waveforms
Table 5. i80 CPU WRITE Interface Parameters
No.
Parameter
Min
Typ
Max
Units
T1
MasterIN
Data and address Setup Time before Low-High Edge
5
ns
T2
MasterIN
Data and address Hold after Low-High Edge
5
ns
T3
MasterIN
Bus Cycle Rate
16
DC Cycles
T4
Master
Master Latency
7
DC Cycles
T5
Slave
Slave Latency
15
DC Cycles
T6
SlaveOUT
Data Valid before WR* High-Low
1
DC Cycles
T7
SlaveOUT
WR* Low Pulse Width
12
DC Cycles
T8
SlaveOUT
Data Valid before WR* Low-High,
13
DC Cycles
T9
SlaveOUT
Data Valid after WR* Low-High
1
DC Cycles
12
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM4308



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com