Electronic Components Datasheet Search
  English  ▼

X  

LM4308 Datasheet(PDF) 22 Page - Texas Instruments

Part # LM4308
Description  18-bit i80 CPU Display Interface, Supports up to 640 x 480 VGA Formats
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4308 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM4308 Datasheet HTML 18Page - Texas Instruments LM4308 Datasheet HTML 19Page - Texas Instruments LM4308 Datasheet HTML 20Page - Texas Instruments LM4308 Datasheet HTML 21Page - Texas Instruments LM4308 Datasheet HTML 22Page - Texas Instruments LM4308 Datasheet HTML 23Page - Texas Instruments LM4308 Datasheet HTML 24Page - Texas Instruments LM4308 Datasheet HTML 25Page - Texas Instruments LM4308 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
CLK
CS2*
D0
WR*
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
D16
ERR
AD
DD
DC
A
1
7
TOP VIEW
MASTER
CS1*
PD*
D17
RD*
Notes:
Static and Supply signals not shown.
Inner row may also use via in escape.
D17
D16
D14
D15
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
WR*
CS2*
AD
CS1*
A
1
7
SLAVE
PD*
ERR
LM4308
SNLS225C – AUGUST 2007 – REVISED MAY 2013
www.ti.com
Figure 18. SLVS Interface Layout
FLEX CIRCUIT RECOMMENDATIONS
A differential 100 Ohm transmission path will yield the best results and be matched to the integrated differential
termination resistance. Also, the interconnect should employ a coupled lines to ensure that the majority of any
noise pick up is common-(equal on both the P and N signals) so that it is rejected by the differential receiver. A
GSSGSSG pinout is recommended. Depending on external noise sources, shielding maybe required.
GROUNDING
Even though the serial Data and Clock signals are differential, a common ground signal is still required. This
provides a common ground reference between the devices and a current return path for the common mode
current.
GENERAL GUIDELINES and RECOMMENDATIONS FOR PCB DESIGN
LVCOMS Signals:
•
To reduce EMI, avoid parallel runs with fast edge, large LVCMOS swings.
•
To reduce crosstalk allow enough space between traces. It is recommended to distance the centers of two
adjacent traces at least four times the trace width. To improve design performance, lower the distance
between the trace and the ground plane to under ~ 10 mils.
•
Keep clock trace as straight as possible. Use arc-shaped traces as an alternative to the right-angle bends.
•
Do not use multiple signal layers for clock signals.
•
Do not use vias in clock transmission lines, as vias can cause impedance change and reflection.
SLVS Signals:
•
Floor plan, locate Master near the connector to limit chance of cross talk to high speed serial signals.
•
Use differential routing techniques. (i.e., match the lengths as well as the turns that each trace goes through)
•
Keep the length of the two differential traces the same to minimize the skew and phase difference.
•
Route serial traces together, minimize the number of layer changes to reduce loading.
22
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM4308



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com