Electronic Components Datasheet Search
  English  ▼

X  

LM4308 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM4308
Description  18-bit i80 CPU Display Interface, Supports up to 640 x 480 VGA Formats
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4308 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM4308 Datasheet HTML 6Page - Texas Instruments LM4308 Datasheet HTML 7Page - Texas Instruments LM4308 Datasheet HTML 8Page - Texas Instruments LM4308 Datasheet HTML 9Page - Texas Instruments LM4308 Datasheet HTML 10Page - Texas Instruments LM4308 Datasheet HTML 11Page - Texas Instruments LM4308 Datasheet HTML 12Page - Texas Instruments LM4308 Datasheet HTML 13Page - Texas Instruments LM4308 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
DCP
(SE Waveform)
Idle
Link Off
Bus Phase
H
PD*
Active
DCN
(SE Waveform)
DC
(DIFF)
DDP
(SE Waveform)
DDN
(SE Waveform)
DD
(DIFF)
Idle
L
tO
LM4308
SNLS225C – AUGUST 2007 – REVISED MAY 2013
www.ti.com
OFF PHASE
In the OFF phase, differential transmitters are turned off and the lines are both driven to Ground. Figure 7 shows
the transition of the serial bus into the OFF phase. The link may be powered down by asserting Master and
Slave PD* pins, the Master PD* pin alone or stopping the clock . To avoid loss of data the clock input should only
be asserted after the serial bus has been in the IDLE state for at least 100 DC clock cycles. This also applies to
when Master’s PD* input is asserted. The 100 DC clock cycles give the Slave enough time to complete any write
operations received from the serial bus.
Do not asserted the Slave PD* pin alone, as this will not reset the link properly. If the Slave PD* pin is asserted,
the Master’s PD* must also be asserted to generate a proper start up sequence.
Figure 7. Serial Bus Power Down Timing
I80 CPU INTERFACE COMPATIBILITY
The CPU Interface mode provides compatibility between an i80 CPU Interface and a small form factor (SFF)
Display or other fixed I/O port application. Both WRITE and READ transactions are supported. READs require a
dual access on the Master to complete the operation.
10
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM4308



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com