Electronic Components Datasheet Search
  English  ▼

X  

LM4308 Datasheet(PDF) 14 Page - Texas Instruments

Part # LM4308
Description  18-bit i80 CPU Display Interface, Supports up to 640 x 480 VGA Formats
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4308 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM4308 Datasheet HTML 10Page - Texas Instruments LM4308 Datasheet HTML 11Page - Texas Instruments LM4308 Datasheet HTML 12Page - Texas Instruments LM4308 Datasheet HTML 13Page - Texas Instruments LM4308 Datasheet HTML 14Page - Texas Instruments LM4308 Datasheet HTML 15Page - Texas Instruments LM4308 Datasheet HTML 16Page - Texas Instruments LM4308 Datasheet HTML 17Page - Texas Instruments LM4308 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
DATA[17:0]
AD
WR*
RD*
SLAVE
OUTPUT
T7
T9
T8
CS1* or CS2*
other CS* = H
Display Driver ON
T10
SLV ON
SLV ON
T6
DATA[17:0]
AD
RD*
CS1* or CS2*
other CS*=H
T5
MASTER
INPUT
WR*
DC
DD
T1
T2
DATA
LOW
RDcycle1
RDcycle2
DATA
VALID
T4
T5a
X
SLV Outputs Update
Data, AD, CS1*, CS2*
as needed
T3
LM4308
SNLS225C – AUGUST 2007 – REVISED MAY 2013
www.ti.com
Figure 11. Master Input READ Timing
Figure 12. Slave Output READ Timing
Table 6. i80 CPU READ Interface Parameters
No.
Parameter
Min
Typ
Max
Units
T1
MasterOUT
Data and address valid after RD* High-to-Low
15
ns
T2
MasterOUT
Data and address valid after RD* Low-to-High
0
ns
T3
MasterIN
Delay Time Between READs
500
ns
T4
MasterIN
Delay Time Until Data Available (RDcyc2)
480
ns
T5
Master
Master Latency
7
DC Cycles
T5a
Slave
Slave Latency, (not shown)
158
DC Cycles
T6
Slave
AD Set Time before RD* High-to-Low
140
DC Cycles
T7
Slave
RD* Pulse Low Width
62
DC Cycles
T8
Slave
Data Set Time
7
DC Cycles
T9
Slave
Data Hold Time
0
ns
T10
Slave
Slave Data Outputs
8
DC Cycles
14
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM4308



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com