Electronic Components Datasheet Search
  English  ▼

X  

LM4308 Datasheet(PDF) 17 Page - Texas Instruments

Part # LM4308
Description  18-bit i80 CPU Display Interface, Supports up to 640 x 480 VGA Formats
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4308 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM4308 Datasheet HTML 13Page - Texas Instruments LM4308 Datasheet HTML 14Page - Texas Instruments LM4308 Datasheet HTML 15Page - Texas Instruments LM4308 Datasheet HTML 16Page - Texas Instruments LM4308 Datasheet HTML 17Page - Texas Instruments LM4308 Datasheet HTML 18Page - Texas Instruments LM4308 Datasheet HTML 19Page - Texas Instruments LM4308 Datasheet HTML 20Page - Texas Instruments LM4308 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
Single-Ended
Differential
(P-N)
100
300
0V
mV
P
N
Single-Ended
Differential
100
200
300
0V
+200 mV
-200 mV
mV
P
N
P-N
LM4308
www.ti.com
SNLS225C – AUGUST 2007 – REVISED MAY 2013
Figure 15. Single-ended and differential SLVS waveforms
Noise that gets coupled onto both signals, is common-mode and is rejected by the receiver. Route the traces that
form the pair together (coupled) to help ensure that noise picked up is common. Differential noise that causes a
dip in the signal but does not enter the threshold region is also rejected. Differntial noise margin is the minimum
VOD signal minus the MAX threshold voltage. 140mV - 70mV = 70mV minimum differential noise margin.
Figure 16. SLVS common-mode rejection waveform
LM4308 Features and Operation
POWER SUPPLIES
The VDD and VDDA (MPL-2 and PLL) must be connected to the same potential between 1.6V and 2.0V. VDDIO
powers the logic interface and may be powered between 1.6 and 3.0V to be compatible with a wide range of host
and target devices.
BYPASS RECOMMENDATIONS
Bypass capacitors should be placed near the power supply pins of the device. Use high frequency ceramic
(surface mount recommended) 0.1 µF capacitors. A 2.2 to 4.7 µF Tantalum capacitor is recommended near the
Master VDDA pin for PLL bypass. Connect bypass capacitors with wide traces and use dual or larger vias to
reduce resistance and inductance of the feeds. Utilizing a thin spacing between power and ground planes will
provide good high frequency bypass above the frequency range where most typical surface mount capacitors are
less effective. To gain the maximum benefit from this, low inductance feed points are important. Also, adjacent
signal layers can be filled to create additional capacitance. Minimize loops in the ground returns also for
improved signal fidelity and lowest emissions.
MASTER / SLAVE CONFIGURATION
The LM4308 device can be configured to be a Master or a Slave with the M/S* pin. For normal modes, TM (Test
Mode) input must also be Low, setting TM High enters a factory test mode.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM4308



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com