Electronic Components Datasheet Search
  English  ▼

X  

LM4308 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM4308
Description  18-bit i80 CPU Display Interface, Supports up to 640 x 480 VGA Formats
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4308 Datasheet(HTML) 3 Page - Texas Instruments

  LM4308 Datasheet HTML 1Page - Texas Instruments LM4308 Datasheet HTML 2Page - Texas Instruments LM4308 Datasheet HTML 3Page - Texas Instruments LM4308 Datasheet HTML 4Page - Texas Instruments LM4308 Datasheet HTML 5Page - Texas Instruments LM4308 Datasheet HTML 6Page - Texas Instruments LM4308 Datasheet HTML 7Page - Texas Instruments LM4308 Datasheet HTML 8Page - Texas Instruments LM4308 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
LM4308
www.ti.com
SNLS225C – AUGUST 2007 – REVISED MAY 2013
Pin Descriptions (continued)
Description
No.
No.
Pin Name
of Pads
of Pins
I/O, Type(1)
CPU Master
CPU Slave
uArray
WQFN
(MST)
(SLV)
DAP
NA
*
Connect to Ground - WQFN Package
1
Ground pin for VSSIO and VSS
Table 1. PLLCON[1:0] - PLL Multiplier Settings
PLLCON1
PLLCON0
Multiplier
L
L
8X
L
H
10X
H
L
12X
H
H
Reserved
Table 2. RDS[1:0] - Receiver Output Drive Strength
RDS1
RDS0
Result
L
L
Use with High VDDIO operation
L
H
Increased drive on DATA, AD, and CS1*/CS2* outputs
H
L
Increased drive on WR* and RD*
H
H
All outputs, use for Low VDDIO, Increased drive strength on all outputs
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Supply Voltage (VDDA)
−0.3V to +2.2V
Supply Voltage (VDD)
−0.3V to +2.2V
Supply Voltage (VDDIO)
−0.3V to +3.6V
LVCMOS Input/Output Voltage
−0.3V to (VDDIO +0.3V)
CLK LVCMOS Input Voltage
−0.3V to +3.3V
SLVS Input/Output Voltage
−0.3V to VDDA
Junction Temperature
+150°C
Storage Temperature
−65°C to +150°C
ESD Ratings:
HBM, 1.5 k
Ω, 100 pF
≥±2 kV
EIAJ, 0
Ω, 200 pF
≥±200V
Maximum Package Power Dissipation Capacity at
NYC Package
2.75 W
25°C
Derate NYC Package above 25°C
22 mW/°C
RSB Package
3.43 W
Derate RSB Package above 25°C
27 mW/°C
(1)
“Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be specified. They are not meant to imply
that the device should be operated at these limits. The tables of “Electrical Characteristics” specify conditions for device operation.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
RECOMMENDED OPERATING CONDITIONS
Min
Typ
Max
Units
Supply Voltage
VDDA to VSSA and VDD to VSS
1.6
1.8
2.0
V
VDDIO to VSSIO
1.6
3.0
V
Clock Frequency
9.6
30
MHz
DC (Serial) Clock Frequency
76.8
240
MHz
Ambient Temperature
−40
25
85
°C
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4308



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com