Electronic Components Datasheet Search
  English  ▼

X  

LM4308 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM4308
Description  18-bit i80 CPU Display Interface, Supports up to 640 x 480 VGA Formats
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4308 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM4308 Datasheet HTML 7Page - Texas Instruments LM4308 Datasheet HTML 8Page - Texas Instruments LM4308 Datasheet HTML 9Page - Texas Instruments LM4308 Datasheet HTML 10Page - Texas Instruments LM4308 Datasheet HTML 11Page - Texas Instruments LM4308 Datasheet HTML 12Page - Texas Instruments LM4308 Datasheet HTML 13Page - Texas Instruments LM4308 Datasheet HTML 14Page - Texas Instruments LM4308 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
L
AD
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
D16
D17
C0
C1
C2
C3
C4
H
DC
DD
idle
R/W* CS12
LM4308
www.ti.com
SNLS225C – AUGUST 2007 – REVISED MAY 2013
Figure 8. WRITE Transaction
WRITE TRANSACTION
The WRITE transaction consists of 14 DC cycles to send the control, data and CRC information on the DD
signal. This includes the Start Bit, AD, R/W*, CS12, D[0:17], CRC bits C[0:4] and a reserved bit (High). See
Figure 8. The data payload is sent least significant bit (LSB) first. The CS1/2 bit denotes which Chipset pin was
active. CS1/2 = HIGH designates that CS1* is active (Low). CS1/2 = LOW designates that CS2* is active (Low).
CS1* and CS2* Low is not allowed. The AD carries the information on the AD input signal. The R/W* will be Low
for a Write transaction.
Figure 9 illustrates a WRITE transaction showing Master Input, SLVS, and Slave output timing. Table 5 lists the
WRITE timing parameters.
On the Master input, an i80 style WRITE is shown. The ChipSelect (CS1* or CS2*) is Low. The WR* goes Low,
and Data and AD signals are sampled on the rising edge of the WR* signal. A tight set and hold window is
required as shown by T1 and T2. A Latency delay later (T4) the SLVS start bit will be transmitted on the DD
signal. Since it takes 14 DC cycles to send the serial word, a maximum load rate on the Master input should be
slower than this (16 DC cycles or longer). This is T3 in Figure 9.
The Slave output timing is shown in the bottom of Figure 9. Note that the SLV output timing is different than the
MST input timing, however the same information is conveyed. T5 is the latency delay of the Slave and also the
serial payload length. Once the start bit is received, it will take this long for the SLV output to update. First, the
Data[0:17], AD and CS* bits will update as required. One DC cycle later the WRITE signal will transition Low for
12 DC cycles. Then the WRITE signal will transition High and the Display will latch the data. There is a minimum
hold time of one DC cycle (T9). This hold time can (will) be longer as the outputs hold their last state until the
next transition is received. Also note that the CS1* and CS2* signals also hold their last state until they need to
change. This would occur if a transaction is received for the other CS* signal, or if the Slave enters Power Down
(PD*=L).
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM4308



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com