Electronic Components Datasheet Search
  English  ▼

X  

LM4308 Datasheet(PDF) 20 Page - Texas Instruments

Part # LM4308
Description  18-bit i80 CPU Display Interface, Supports up to 640 x 480 VGA Formats
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4308 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM4308 Datasheet HTML 16Page - Texas Instruments LM4308 Datasheet HTML 17Page - Texas Instruments LM4308 Datasheet HTML 18Page - Texas Instruments LM4308 Datasheet HTML 19Page - Texas Instruments LM4308 Datasheet HTML 20Page - Texas Instruments LM4308 Datasheet HTML 21Page - Texas Instruments LM4308 Datasheet HTML 22Page - Texas Instruments LM4308 Datasheet HTML 23Page - Texas Instruments LM4308 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
LM4308 (Slave)
Notes:
1. PCON1, PCON0 = Low = x 8 Mode
2. Bypass Capacitor Values :
C1, C2 = 4.7 PF
C3 = 2.2 PF
C4 = 0.1 PF
LM4308 (Master)
CLK
PD*
RD*
CS2
TM
PCON1
PCON0
DDP_M
DDN_M
VSSI/O
VSSI/O
VSSI/O
VSSI/O
VSSI/O
VSSI/O
1.8V
DCP_M
DCN_M
VSSI/O
VSSI/O
VSSI/O
VSS
VSSA
WR*
CS1
MS*
ERR
A3
D2
B3
C2
B2
A2
B7
B6
A7
A6
A4
A5
C6
F4
B4
C3
C4
D4
D3
C5
D5
E4
E3
E5
B1
C1
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
D16
D17
WO
PD*
TM
RDS0
RDS1
DDP_S
DDN_S
VSSI/O
VSSI/O
VSSI/O
VSSI/O
VSSI/O
VSSI/O
1.8V
DCP_S
DCN_S
VSSI/O
VSSI/O
VSSI/O
VSS
VSSA
MS*
ERR
C3
C4
D4
D3
C5
D5
E4
E3
E5
C6
F4
B4
A7
A6
A4
A5
A3
B3
B2
B7
B6
B1
A/D
A1
(Other Devices)
BaseBand
Processor
CLK
Tree
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
D16
D17
E1
E2
F3
G1
F2
F1
G2
G3
G5
F7
F6
G6
F5
G7
E6
E7
C7
D6
E1
E2
F3
G1
F2
F1
G2
G3
G5
F7
F6
G6
F5
G7
E6
E7
C7
D6
CS2
WR*
CS1
D2
C2
A2
C1
A/D
A1
RD*
Main
Display
(Buffered)
Sub Display
(Buffered)
Optional
VDDIO
VDDIO
VDDA
VDD
C1
C2
C3
C4
G4
B5
D7
D1
1.8V
C1
G4
B5
D7
D1
1.8V
C2
C3
VDDIO
VDDIO
VDDA
VDD
Notes:
1. RDS0 and RDS1 are VDDIO dependent. If/When VDDIO = 3.0V, RDS0
and RDS1 should be strapped low.
2.Bypass Capacitor Values :
C1,C2 = 4.7 PF
C3 = 0.1 PF
LM4308
SNLS225C – AUGUST 2007 – REVISED MAY 2013
www.ti.com
Figure 17. Dual SMART Display Application
The Slave recovers the serial signals and generates the parallel bus for the Display(s). The Slave VDDIO is set to
be compatible with the Displays employed. The Data bus signals are bidirectional to support both WRITEs and
READs. The other signals. AD, WR*, RD*, and CS* signals are outputs only. The connection between the Slave
device and the displays should be done such that long stubs are avoided. Extra care should be taken on the
WR* and RD* signal layouts as these signals rely on the signal edges to latch the data. The Slave has user
adjustable edge rate controls for the parallel bus outputs. This can be used to optimize the edge rate vs the
required VDDIO magnitude. Also, independent control of the strobe (WR* and RD*) is supported. This allows for
the strobe signal to retain sharp edges, while using softer edges on the wide parallel data bus signals. This aids
in noise reduction. The Slave also provides a ERR pin to flag any CRC errors detected. This signal maybe routed
back to the host for monitoring, or bought out to a test point. The Slave supports a WRITE ONLY mode (READ
operation and serial bus turn around is prevented). This mode is obtained by setting the WO pin to a logic High.
The Sleep state of the display may be entered by driving the PD* signal to a logic Low. Outputs are then set to
their Power Down de-asserted states. Several configuration pins are also required to be set. For a Slave, tie
M/S* = L, TM = L, and WO and RDS[1:0] to the desired setting. If only one display is required in the application,
the unused CS output signal should be left un-connected.
In this application, WRITEs and READs for the Displays are serialized and sent to the displays. Transaction to
other devices on the shared bus (MST input) are ignored by the Master.
SYSTEM TIMING CONSIDERATIONS
When employing the SERDES chipset in place of a parallel bus, a few system considerations must be taken into
account. Before sending commands (i.e. initialization commands) to the display, the SERDES must be ready to
transmit data across the link. The serial link must be powered up, and the PLL must be locked. Also, a review of
the Slave output timing should be completed to insure that the timing parameters provided by the Slave output
meet the requirements of the LCD driver input. Specifically, pulse width on WR* and RD*, data valid time, and
bus cycle rate should be reviewed and checked for display compatibility. Additional details are provided next:
20
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM4308



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com