Electronic Components Datasheet Search
  English  ▼

X  

LM4308 Datasheet(PDF) 15 Page - Texas Instruments

Part # LM4308
Description  18-bit i80 CPU Display Interface, Supports up to 640 x 480 VGA Formats
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4308 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM4308 Datasheet HTML 11Page - Texas Instruments LM4308 Datasheet HTML 12Page - Texas Instruments LM4308 Datasheet HTML 13Page - Texas Instruments LM4308 Datasheet HTML 14Page - Texas Instruments LM4308 Datasheet HTML 15Page - Texas Instruments LM4308 Datasheet HTML 16Page - Texas Instruments LM4308 Datasheet HTML 17Page - Texas Instruments LM4308 Datasheet HTML 18Page - Texas Instruments LM4308 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
MASTER INPUT
DATA[17:0]
AD
RD*
WR*
CS1*
CS2*
SERIAL
DC
DD
SLAVE OUTPUT
DATA[17:0]
AD
CS1*
CS2*
Word N
Word N+1
Word N to CS1*
Word N+1 to CS1*
L
L
WR*
RD*
idle
idle
LM4308
www.ti.com
SNLS225C – AUGUST 2007 – REVISED MAY 2013
SLAVE OUTPUT TIMING / DISPLAY COMPATIBILITY
Compatibility of target device’s timing requirements should be checked. Check that the Slave WR* active low
pulse is wide enough for the target display(s). If the Slave output is too fast, a slower DC rate should be chosen
(PLL setting or CLK rate may be adjusted). See SYSTEM CONSIDERATION section also.
Figure 13 illustrates the timing of two writes being sent to CS1*. Note that on the Slave output for Word N, that
the DATA, AD, and CS signals hold their last state until the next transaction is received. This effectively extends
the Hold time after Word N’s WRITE rise. The length of this period (idle) is determined by the time until the next
transaction on the Master input. When the second write is received (Word N+1) the Data, AD, and CS signals
update as needed. Note that the active CS signal stay low until a transaction to the other CS is received or the
Slave is put into powerdown.
Figure 13. Timing Example - Two WRITEs to CS1*
CYCLIC REDUNDANCY CHECK (CRC)
The CRC is used to detect errors in both WRITE and READ transactions on the serial link. The LM4308 uses a
5-bit CRC field to detect errors in the 22-bit payload. The Transmitting device calculates the CRC and appends it
to the payload. The Receiver also calculates the CRC and compares it to the received CRC. If they are the
same, the transmission is error free. If they are different, the ERR pin then flags the error.
CRC provides a better coverage than a parity bit, which can only flag one half of the possible errors. The CRC is
calculated by taking the payload and adding 5 zeros and then dividing by a fixed number. The remainder of the
calculation is the 5-bit CRC field that is transmitted.
If a CRC error handling is shown in the table below. See also Figure 14.
Table 7. CRC Error Response
Operation
Direction
Error
Response
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM4308



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com