Electronic Components Datasheet Search
  English  ▼

X  

LM4308 Datasheet(PDF) 18 Page - Texas Instruments

Part # LM4308
Description  18-bit i80 CPU Display Interface, Supports up to 640 x 480 VGA Formats
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4308 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM4308 Datasheet HTML 14Page - Texas Instruments LM4308 Datasheet HTML 15Page - Texas Instruments LM4308 Datasheet HTML 16Page - Texas Instruments LM4308 Datasheet HTML 17Page - Texas Instruments LM4308 Datasheet HTML 18Page - Texas Instruments LM4308 Datasheet HTML 19Page - Texas Instruments LM4308 Datasheet HTML 20Page - Texas Instruments LM4308 Datasheet HTML 21Page - Texas Instruments LM4308 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
LM4308
SNLS225C – AUGUST 2007 – REVISED MAY 2013
www.ti.com
UNUSED/OPEN LVCMOS PINS
Unused inputs must be tied to the proper input level — do not float them. Unused outputs should be left open to
minimize power dissipation.
LVCMOS MASTER INPUT PINS
CPU Interface input pins (Data, AD, CS, WR, RD) accept voltages from -300mV to (VDDIO + 300mV). Inputs are
not High-Z with power supplies OFF. If communication between the Host (i.e. BBP) and other devices (i.e.
Memory) is required when the display is not ON; the power to the Master must be ON, and the Master should be
in SLEEP mode (by CLK Stop or PD*=L). In this condition, Master inputs are High Z and will not load (or clamp)
the shared bus signals. Master inputs are not in a High Z state when Master VDDIO = 0V.
MASTER CLOCK INPUT
The Master Clock input is a special 3.3V Tolerant input pin. This allows the clock tree to be powered from a
different VDDIO than the CPU interface from the host device.
PLLCON1
PLLCON0
Multiplier
CLK Range
0
0
8
9.6 to 30 MHz
0
1
10
9.6 to 24 MHz
1
0
12
9.6 to 20 MHz
1
1
Reserved
Reserved
PHASE-LOCKED LOOP
When the LM4308 is configured as a Master, a PLL is enabled to generate the serial link clock. The Phase-
locked loop system generates the serial data clock at several multiples of the input clock. The DC rate is limited
to 240 MHz. The PLL multiplier is set via the PLLCON[1:0] pins. Multipliers of 8X, 10X and 12X are available.
For example, if the input clock is 19.2MHz, and a 8X multiplier is selected, DC will be 153.6 MHz. and the DD
line rate is 307.2 Mbps (raw bandwidth).
POWER DOWN OUTPUT STATES
When the device is in the SLEEP state (PD*=L) the output pins will be driven to the states shown in the table
below.
Device
Signal
State in Power Down
Slave
Data[17:0]
Low
Slave
CS1*, CS2*, WR*, RD*, AD
High
Slave
ERR
Low
Master
ERR
Low
SLAVE
Upon application of power to the SLV device, all outputs are turned on and held in their de-asserted states.
MASTER
Upon application of power to the MST device, the ERR output is ON, and is logic low (normal mode).
SLEEP MODE OPTIONS
The Master can enter sleep mode by three options. The PD* pin is driven low, the clock input is stopped, or if the
power supplies are turned off.
The simplest option is a control signal to drive the PD* input. When PD* input is driven low, the device enters a
sleep mode and supply current is minimized. This mode also supports high-Z Master LVCMOS inputs. The
second option is with Power ON, PD* = H, and the CLK input is stopped. The CLK stop state is recommend to
be logic Low. The Master detects this state and enters the sleep state. The third option is to cut power to the
device. In this configuration the LVCMOS inputs are not High-Z due to internal diodes for ESD protection.
18
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM4308



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com