Electronic Components Datasheet Search
  English  ▼

X  

LM4308 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM4308
Description  18-bit i80 CPU Display Interface, Supports up to 640 x 480 VGA Formats
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4308 Datasheet(HTML) 1 Page - Texas Instruments

  LM4308 Datasheet HTML 1Page - Texas Instruments LM4308 Datasheet HTML 2Page - Texas Instruments LM4308 Datasheet HTML 3Page - Texas Instruments LM4308 Datasheet HTML 4Page - Texas Instruments LM4308 Datasheet HTML 5Page - Texas Instruments LM4308 Datasheet HTML 6Page - Texas Instruments LM4308 Datasheet HTML 7Page - Texas Instruments LM4308 Datasheet HTML 8Page - Texas Instruments LM4308 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Main
Display
(Buffered)
Sub
Display
(Buffered)
Optional
DD
LM4308
Slave
Apps
Processor
---
Graphics
Processor
---
Baseband
Processor
PD*
LM4308
Master
DC
PLL
M/S*
PLLCON[1:0]
TM
D[17:0]
CS2*
AD
PWR
Config.
CLK
CLK
Tree
(other devices)
(Bypass Caps
not shown)
1.8V
GND
GND
PD*
CS1*
PWR
Config.
TM
M/S*
RDS[1:0]
ERR
1.8V
2.8V
GND
D[17:0]
WR*
CS2*
CS1*
AD
RD*
RD*
WR*
ERR
WO
LM4308
www.ti.com
SNLS225C – AUGUST 2007 – REVISED MAY 2013
LM4308 Mobile Pixel Link Two (MPL-2) – 18-bit CPU Display Interface Master/Slave
Check for Samples: LM4308
1
FEATURES
DESCRIPTION
The LM4308 device adapts a 18-bit CPU style display
2
18-bit i80 CPU Display Interface
interfaces to a MPL-2 SLVS differential serial link for
Supports up to 640 x 480 VGA Formats
displays. Two chip selects support a main and sub
Differential SLVS Interface
display up to and beyond 640 x 480 pixels. A mode
pin configures the device as a Master (MST) or Slave
Dual Displays Supported
(SLV). Both WRITE and READ operations are
WRITE and READ Operations Supported
supported. CPU interface widths below 18-bits are
Robust Differential Physical Layer
supported by tieing unused inputs to a static level.
400mVpp Differential Signal Swing
The differential line drivers and receivers conform to
Internal 100
Ω Termination Resistor
the JEDEC SLVS Standard. When noise is picked up
as common-mode, it is rejected by the receivers. This
Low Power Consumption
is
further
enhanced
with
the
50
Ohm
output
5-bit CRC for Data Integrity
impedance of the drivers. The 100 Ohm termination
Level Translation between Host and Display
is integrated into the receivers.
Low Power Sleep State
Data integrity is insured with a 5-bit CRC field. CRC
3.3V Tolerant Master Clock Input Regardless
checking is done for both WRITE and READ
of VDDIO
operations.
An
Error
(ERR)
pin
reports
the
occurrence of an error. A Write Only mode is also
Fast Start Up Time - 1k CLK Cycles
provided.
1.6V to 2.0V Core / Analog Supply Voltage
The interconnect is reduced from 23 signals to only 4
1.6V to 3.0V I/O Supply Voltage Range
active signals with the LM4308 chipset easing flex
interconnect design, size constraints and cost.
SYSTEM BENEFITS
A low power sleep state entered when the PD* inputs
Small Interface
are driven low.
Low Power
Low EMI
Intrinsic Level Translation
Typical Application Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4308

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4308 TI1-LM4308 Datasheet
989Kb / 28P
LM4308 Mobile Pixel Link Two (MPL-2) 18-bit CPU Display Interface Master/Slave
LM4308GR/NOPB TI1-LM4308GR/NOPB Datasheet
1Mb / 33P
LM4308 Mobile Pixel Link Two (MPL-2) ??18-bit CPU Display Interface Master/Slave
LM4308GRX/NOPB TI1-LM4308GRX/NOPB Datasheet
1Mb / 33P
LM4308 Mobile Pixel Link Two (MPL-2) ??18-bit CPU Display Interface Master/Slave
LM4308GR_NOPB TI1-LM4308GR_NOPB Datasheet
1Mb / 33P
LM4308 Mobile Pixel Link Two (MPL-2) ??18-bit CPU Display Interface Master/Slave
LM4308SQ/NOPB TI1-LM4308SQ/NOPB Datasheet
1Mb / 33P
LM4308 Mobile Pixel Link Two (MPL-2) ??18-bit CPU Display Interface Master/Slave
More results

Similar Description - LM4308

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OV7640 ETC1-OV7640 Datasheet
291Kb / 20P
OV7640 Color CMOS VGA (640 x 480) CAMERACHIP OV7141 B&W CMOS VGA (640 x 480) CAMERACHIP
logo
Hantronix,Inc
HDM6448-7 HANTRONIX-HDM6448-7 Datasheet
53Kb / 1P
640 X 480 7.5 VGA Single scan Mono STN display
HDM6448-A HANTRONIX-HDM6448-A Datasheet
26Kb / 1P
640 X 480 10.4 VGA Monochrome
HDM6448C HANTRONIX-HDM6448C Datasheet
51Kb / 1P
640 X 480 10.4 VGA Color
HDM6448C-7 HANTRONIX-HDM6448C-7 Datasheet
29Kb / 1P
640 X 480 7.5 Single Scan VGA Color
HDM6448TS-S HANTRONIX-HDM6448TS-S Datasheet
34Kb / 1P
640 X 480 7.4 VGA Monochrome, with Touch Screen
HDM6448-1 HANTRONIX-HDM6448-1 Datasheet
27Kb / 1P
640 X 480 9.5 VGA Monochrome
logo
AAEON Technology
AWK-3004 AAEON-AWK-3004 Datasheet
671Kb / 2P
10.4??VGA (640 x 480) Color TFT LCD
logo
Hantronix,Inc
HDM6448-6 HANTRONIX-HDM6448-6_15 Datasheet
157Kb / 15P
640 x 480 GRAPHICS LCD DISPLAY MODULE
HDM6448-1 HANTRONIX-HDM6448-1_15 Datasheet
149Kb / 15P
640 x 480 GRAPHICS LCD DISPLAY MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com