Electronic Components Datasheet Search
  English  ▼

X  

LM4308 Datasheet(PDF) 16 Page - Texas Instruments

Part # LM4308
Description  18-bit i80 CPU Display Interface, Supports up to 640 x 480 VGA Formats
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4308 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM4308 Datasheet HTML 12Page - Texas Instruments LM4308 Datasheet HTML 13Page - Texas Instruments LM4308 Datasheet HTML 14Page - Texas Instruments LM4308 Datasheet HTML 15Page - Texas Instruments LM4308 Datasheet HTML 16Page - Texas Instruments LM4308 Datasheet HTML 17Page - Texas Instruments LM4308 Datasheet HTML 18Page - Texas Instruments LM4308 Datasheet HTML 19Page - Texas Instruments LM4308 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
DATA, AD, CS
(SLV)
WR*(SLV)
ERR(SLV)
RD*(Host)
DATA (MST)
ERR(MST)
ERR
Slave
WRITE
ERR
Master
READ
LM4308
SNLS225C – AUGUST 2007 – REVISED MAY 2013
www.ti.com
Table 7. CRC Error Response (continued)
Write
Master-to-Slave
CRC error
Slave Flags, ERR pins remains High until
PD* cycle or Power cycle, Data is written to
the display
Read
Master-to-Slave
CRC error
Slave Flags, ERR pins remains High until
Command
PD* cycle or Power cycle, Slave does
nothing
Write
Master-to-Slave,
CRC error, Serial R/W* bit
Slave Flags, ERR pins remains High until
Slave WO = H
error
PD* cycle or Power cycle, Data is written to
(False Read)
the display (write expected)
Read Data
Slave-to-Master
CRC error
Master Flags, ERR goes High, then Low
after 2nd READ, Data = X
Read Data
Slave-to-Master
Read Data not received by
Master times out, drives all Low data, then
Master
on 2nd READ cycle ERR goes High
1 = CS1* active which is a High, and 2 = CS2* active which is a Low
Figure 14. CRC - ERR Output Timing
SLVS INTERFACE
Scalable Low Voltage Signaling is the differential interface used for the physical layer of the serial (Data and
Clock) signals. The differential signal is a 200mV (typ) swing with a 200mV offset from ground. This generates a
±200mV (400mVpp) across the integrated termination resistor for the receiver to recover. The receiver detects
the differential signal and converts it to a LVCMOS signal. Noise picked up along the inteconnect is seen as
common-mode by the receiver and rejected. The low output impedance of the line driver and of the termination
network help to minimize couple noise also.
16
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM4308



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com