Electronic Components Datasheet Search
  English  ▼

X  

LM4308 Datasheet(PDF) 19 Page - Texas Instruments

Part # LM4308
Description  18-bit i80 CPU Display Interface, Supports up to 640 x 480 VGA Formats
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4308 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM4308 Datasheet HTML 15Page - Texas Instruments LM4308 Datasheet HTML 16Page - Texas Instruments LM4308 Datasheet HTML 17Page - Texas Instruments LM4308 Datasheet HTML 18Page - Texas Instruments LM4308 Datasheet HTML 19Page - Texas Instruments LM4308 Datasheet HTML 20Page - Texas Instruments LM4308 Datasheet HTML 21Page - Texas Instruments LM4308 Datasheet HTML 22Page - Texas Instruments LM4308 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
LM4308
www.ti.com
SNLS225C – AUGUST 2007 – REVISED MAY 2013
There are also three options for the Slave to enter the sleep state. These are: based on the MPL-2 interface, the
Slave PD* input pin, and by powering off the Slave device.
With power ON, and the Slave PD* input = H, the Slave detects the state on the MPL-2 bus and powers up or
enters sleep mode. Direct control of the Slave is also possible by the use of its PD* input pin (relative to the
Slave’s VDDIO levels). The third option is to turn off power to the Slave. In this configuration, do not enable and
activate the Master outputs without the Slave also being ON.
SLAVE OUTPUT DRIVE STRENGTH CONTROL
The Slave Outputs have two drive strength options to support a wide range of VDDIO operation. See Table 2. If
the SLV VDDIO is 1.8V TYP, RDS0 and RDS1 should be set to a logic High. Depending upon application speed,
RDS0 can be set to a logic Low to soften the edge rate on the Data signals for less noise. For high VDDIO
operation (i.e. 2.8V), both RDS0 and RDS1 should be set to a logic Low.
SLAVE WRITE ONLY MODE
In some applications, only WRITE operations may be required. In this case, the Slave can be configured to only
support WRITE transactions by setting the WO configuration input High.
Application Information
SYSTEM CONSIDERATIONS
DUAL SMART DISPLAY APPLICATION
A Dual Smart Display application is shown in Figure 17. The Master (MST) resides by the host and connects to a
Memory Interface. VDDIO on the MST is set to be the same as the Host’s port. i80 CPU Bus signals are
connected as shown (Data, AD, WR*, RD*, and CS* signals). The Master also has a SLEEP mode to save
power when the display is not required. The Sleep state is entered when the PD* signal is driven Low. It is also
entered if the PD* signal is High and the CLK input is gated off (held at a static state). In the Sleep state, supply
current into the Master is >1µA typical. In this state, (Power ON, and Sleep state), the Master inputs will not load
the shared bus, and communication between the host and other devices may occur. If power is OFF (VDDIO =
0V), Master input ESD diodes will clamp the bus, preventing communication on the bus. The Master requires a
system clock reference which is typically 19.2MHz in CDMA applications. This signal is used to generate the
serial DC clock. The CLK input is multiplied by the selected PLL multiplier to determine the serial clock rate. In
the 19.2MHz CLK and 8X application, the DC rate will be 153.6MHz. Due to the serial transmission scheme
using both clock edges, the raw bandwidth of a WRITE is 307.3 Mbps. The Master also provides a ERR pin that
reports a CRC error on a READ transaction. The host may monitor this signal if desired, or it may be brought out
to a test point only. Several configuration pins are also required to be set. For a Master, tie M/S* = H, TM = L,
and PLLCON[1:0] to the desired setting.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM4308



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com