Electronic Components Datasheet Search
  English  ▼

X  

LM4308 Datasheet(PDF) 24 Page - Texas Instruments

Part # LM4308
Description  18-bit i80 CPU Display Interface, Supports up to 640 x 480 VGA Formats
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4308 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM4308 Datasheet HTML 20Page - Texas Instruments LM4308 Datasheet HTML 21Page - Texas Instruments LM4308 Datasheet HTML 22Page - Texas Instruments LM4308 Datasheet HTML 23Page - Texas Instruments LM4308 Datasheet HTML 24Page - Texas Instruments LM4308 Datasheet HTML 25Page - Texas Instruments LM4308 Datasheet HTML 26Page - Texas Instruments LM4308 Datasheet HTML 27Page - Texas Instruments LM4308 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
40
39
38
37
36
35
34
33
32
31
TM
CS1*
M/S*
PD*
DCN
VDDA
DDN
DDP
VDD
D8
D9
D11
D10
NC
D4
D5
D6
D7
LM4308SQ
TOP VIEW
40 Lead WQFN
5mm x 5mm x 0.8mm
0.4mm pitch
(not to scale)
M/S*=H, MASTER
(DAP connection, center pad = GND)
DCP
VSSA
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
TM
CS1*
M/S*
PD*
DDN
VDDA
DCN
DCP
VDD
D8
D9
D11
D10
NC
D4
D5
D6
D7
LM4308SQ
TOP VIEW
40 Lead WQFN
5mm x 5mm x 0.8mm
0.4mm pitch
(not to scale)
M/S*=L, SLAVE
(DAP connection, center pad = GND)
DDP
VSSA
11
12
13
14
15
16
17
18
19
20
LM4308
SNLS225C – AUGUST 2007 – REVISED MAY 2013
www.ti.com
Table 9. CPU Slave Pinout (continued)
SLV
1
2
3
4
5
6
7
F
D2
D3
D6
VSS
D9
D11
D13
G
D4
D5
D7
VDD
D8
D10
D12
Connection Diagram - WQFN Package
Figure 20. TOP VIEW — (not to scale)
Note that the pinout of a MASTER configured device is DIFFERENT than a SLAVE configured device. The use
of two logic symbols for PCB schematic is recommended.
Table 10. CPU Master - Slave Pad Assignments
Pin #
Master
Slave
Pad #
Master
Slave
1
AD
21
D12
2
CLK
WO
22
D13
3
CS2*
23
D14
4
WR*
24
D15
5
RD*
25
D16
6
VDDIO
26
VDDIO
7
D0
27
D17
8
D1
28
ERR
9
D2
29
PLLCON1
RDS1
10
D3
30
PLLCON0
RDS0
11
D4
31
DDP_M
DCP_S
12
D5
32
DDN_M
DCN_S
13
D6
33
VDDA
14
D7
34
DCN_M
DDN_S
15
NC
35
VSSA
24
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM4308



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com