Electronic Components Datasheet Search
  English  ▼

X  

FLEX10KA Datasheet(PDF) 102 Page - Altera Corporation

Part # FLEX10KA
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10KA Datasheet(HTML) 102 Page - Altera Corporation

Back Button FLEX10KA Datasheet HTML 98Page - Altera Corporation FLEX10KA Datasheet HTML 99Page - Altera Corporation FLEX10KA Datasheet HTML 100Page - Altera Corporation FLEX10KA Datasheet HTML 101Page - Altera Corporation FLEX10KA Datasheet HTML 102Page - Altera Corporation FLEX10KA Datasheet HTML 103Page - Altera Corporation FLEX10KA Datasheet HTML 104Page - Altera Corporation FLEX10KA Datasheet HTML 105Page - Altera Corporation FLEX10KA Datasheet HTML 106Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 128 page
background image
102
Altera Corporation
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Table 88. EPF10K10A Device EAB Internal Timing Macroparameters
Note (1)
Symbol
-1 Speed Grade
-2 Speed Grade
-3 Speed Grade
Unit
MinMax
MinMax
MinMax
tEABAA
8.1
9.8
13.1
ns
tEABRCCOMB
8.1
9.8
13.1
ns
tEABRCREG
5.8
6.9
9.3
ns
tEABWP
2.0
2.4
3.2
ns
tEABWCCOMB
3.5
4.2
5.6
ns
tEABWCREG
9.4
11.2
14.8
ns
tEABDD
6.9
8.3
11.0
ns
tEABDATACO
1.3
1.5
2.0
ns
tEABDATASU
2.4
3.0
3.9
ns
tEABDATAH
0.0
0.0
0.0
ns
tEABWESU
4.1
4.9
6.5
ns
tEABWEH
0.0
0.0
0.0
ns
tEABWDSU
1.4
1.6
2.2
ns
tEABWDH
0.0
0.0
0.0
ns
tEABWASU
2.5
3.0
4.1
ns
tEABWAH
0.0
0.0
0.0
ns
tEABWO
6.2
7.5
9.9
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com