Electronic Components Datasheet Search
  English  ▼

X  

FLEX10KA Datasheet(PDF) 104 Page - Altera Corporation

Part # FLEX10KA
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10KA Datasheet(HTML) 104 Page - Altera Corporation

Back Button FLEX10KA Datasheet HTML 100Page - Altera Corporation FLEX10KA Datasheet HTML 101Page - Altera Corporation FLEX10KA Datasheet HTML 102Page - Altera Corporation FLEX10KA Datasheet HTML 103Page - Altera Corporation FLEX10KA Datasheet HTML 104Page - Altera Corporation FLEX10KA Datasheet HTML 105Page - Altera Corporation FLEX10KA Datasheet HTML 106Page - Altera Corporation FLEX10KA Datasheet HTML 107Page - Altera Corporation FLEX10KA Datasheet HTML 108Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 128 page
background image
104
Altera Corporation
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Notes to tables:
(1)
All timing parameters are described in Tables 32 through 38 in this data sheet.
(2)
Using an LE to register the signal may provide a lower setup time.
(3)
This parameter is specified by characterization.
Tables 92 through 98 show EPF10K30A device internal and external
timing parameters.
Table 92. EPF10K30A Device LE Timing Microparameters
Note (1)
Symbol
-1 Speed Grade
-2 Speed Grade
-3 Speed Grade
Unit
MinMax
MinMax
MinMax
tLUT
0.8
1.1
1.5
ns
tCLUT
0.6
0.7
1.0
ns
tRLUT
1.2
1.5
2.0
ns
tPACKED
0.6
0.6
1.0
ns
tEN
1.3
1.5
2.0
ns
tCICO
0.2
0.3
0.4
ns
tCGEN
0.8
1.0
1.3
ns
tCGENR
0.6
0.8
1.0
ns
tCASC
0.9
1.1
1.4
ns
tC
1.1
1.3
1.7
ns
tCO
0.4
0.6
0.7
ns
tCOMB
0.6
0.7
0.9
ns
tSU
0.9
0.9
1.4
ns
tH
1.1
1.3
1.7
ns
tPRE
0.5
0.6
0.8
ns
tCLR
0.5
0.6
0.8
ns
tCH
3.0
3.5
4.0
ns
tCL
3.0
3.5
4.0
ns
Table 93. EPF10K30A Device IOE Timing Microparameters
Note (1) (Part 1 of 2)
Symbol
-1 Speed Grade
-2 Speed Grade
-3 Speed Grade
Unit
MinMax
MinMax
MinMax
tIOD
2.2
2.6
3.4
ns
tIOC
0.3
0.3
0.5
ns
tIOCO
0.2
0.2
0.3
ns
tIOCOMB
0.5
0.6
0.8
ns
tIOSU
1.4
1.7
2.2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com