Electronic Components Datasheet Search
  English  ▼

X  

FLEX10KA Datasheet(PDF) 103 Page - Altera Corporation

Part # FLEX10KA
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10KA Datasheet(HTML) 103 Page - Altera Corporation

Back Button FLEX10KA Datasheet HTML 99Page - Altera Corporation FLEX10KA Datasheet HTML 100Page - Altera Corporation FLEX10KA Datasheet HTML 101Page - Altera Corporation FLEX10KA Datasheet HTML 102Page - Altera Corporation FLEX10KA Datasheet HTML 103Page - Altera Corporation FLEX10KA Datasheet HTML 104Page - Altera Corporation FLEX10KA Datasheet HTML 105Page - Altera Corporation FLEX10KA Datasheet HTML 106Page - Altera Corporation FLEX10KA Datasheet HTML 107Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 128 page
background image
Altera Corporation
103
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Table 89. EPF10K10A Device Interconnect Timing Microparameters
Note (1)
Symbol
-1 Speed Grade
-2 Speed Grade
-3 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tDIN2IOE
4.2
5.0
6.5
ns
tDIN2LE
2.2
2.6
3.4
ns
tDIN2DATA
4.3
5.2
7.1
ns
tDCLK2IOE
4.2
4.9
6.6
ns
tDCLK2LE
2.2
2.6
3.4
ns
tSAMELAB
0.1
0.1
0.2
ns
tSAMEROW
2.2
2.4
2.9
ns
tSAMECOLUMN
0.8
1.0
1.4
ns
tDIFFROW
3.0
3.4
4.3
ns
tTWOROWS
5.2
5.8
7.2
ns
tLEPERIPH
1.8
2.2
2.8
ns
tLABCARRY
0.5
0.5
0.7
ns
tLABCASC
0.9
1.0
1.5
ns
Table 90. EPF10K10A External Reference Timing Parameters
Note (1)
Symbol
-1 Speed Grade
-2 Speed Grade
-3 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tDRR
10.0
12.0
16.0
ns
tINSU (2), (3)
1.6
2.1
2.8
ns
tINH (3)
0.0
0.0
0.0
ns
tOUTCO (3)
2.0
5.8
2.0
6.9
2.0
9.2
ns
Table 91. EPF10K10A Device External Bidirectional Timing Parameters
Note (1)
Symbol
-2 Speed Grade
-3 Speed Grade
-4 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tINSUBIDIR
2.4
3.3
4.5
ns
tINHBIDIR
0.0
0.0
0.0
ns
tOUTCOBIDIR
2.0
5.8
2.0
6.9
2.0
9.2
ns
tXZBIDIR
6.3
7.5
9.9
ns
tZXBIDIR
6.3
7.5
9.9
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com