Electronic Components Datasheet Search
  English  ▼

X  

LPC4370 Datasheet(PDF) 130 Page - NXP Semiconductors

Part # LPC4370
Description  32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4370 Datasheet(HTML) 130 Page - NXP Semiconductors

Back Button LPC4370 Datasheet HTML 126Page - NXP Semiconductors LPC4370 Datasheet HTML 127Page - NXP Semiconductors LPC4370 Datasheet HTML 128Page - NXP Semiconductors LPC4370 Datasheet HTML 129Page - NXP Semiconductors LPC4370 Datasheet HTML 130Page - NXP Semiconductors LPC4370 Datasheet HTML 131Page - NXP Semiconductors LPC4370 Datasheet HTML 132Page - NXP Semiconductors LPC4370 Datasheet HTML 133Page - NXP Semiconductors LPC4370 Datasheet HTML 134Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 150 page
background image
LPC4370
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2013
130 of 150
NXP Semiconductors
LPC4370
32-bit ARM Cortex-M4/M0 microcontroller
13.2 Crystal oscillator
The crystal oscillator is controlled by the XTAL_OSC_CTRL register in the CGU (see
LPC43xx user manual).
The crystal oscillator operates at frequencies of 1 MHz to 25 MHz. This frequency can be
boosted to a higher frequency, up to the maximum CPU operating frequency, by the PLL.
The oscillator can operate in one of two modes: slave mode and oscillation mode.
• In slave mode the input clock signal should be coupled by means of a capacitor of
100 pF (CC in Figure 39), with an amplitude of at least 200 mV (rms). The XTAL2 pin
in this configuration can be left unconnected.
• External components and models used in oscillation mode are shown in Figure 40,
and in Table 40 and Table 41. Since the feedback resistance is integrated on chip,
only a crystal and the capacitances CX1 and CX2 need to be connected externally in
case of fundamental mode oscillation (the fundamental frequency is represented by L,
CL and RS). Capacitance CP in Figure 40 represents the parallel package capacitance
and should not be larger than 7 pF. Parameters FC, CL, RS and CP are supplied by the
crystal manufacturer.
LCD_VD0
-
-
-
-
-
-
P4_1
RED0
LCD_LP
P7_6
LCDLP
P7_6
LCDLP
P7_6
LCDLP
P7_6
LCDLP
LCD_ENAB
/LCDM
P4_6
LCDENAB/
LCDM
P4_6
LCDENAB/
LCDM
P4_6
LCDENAB/
LCDM
P4_6
LCDENAB/
LCDM
LCD_FP
P4_5
LCDFP
P4_5
LCDFP
P4_5
LCDFP
P4_5
LCDFP
LCD_DCLK P4_7
LCDDCLK
P4_7
LCDDCLK
P4_7
LCDDCLK
P4_7
LCDDCLK
LCD_LE
P7_0
LCDLE
P7_0
LCDLE
P7_0
LCDLE
P7_0
LCDLE
LCD_PWR
P7_7
LCDPWR
P7_7
LCDPWR
P7_7
LCDPWR
P7_7
LCDPWR
GP_CLKIN
PF_4
LCDCLKIN PF_4
LCDCLKIN
PF_4
LCDCLKIN PF_4
LCDCLKIN
Table 39.
LCD panel connections for TFT panels
External
pin
TFT 12 bit (4:4:4
mode)
TFT 16 bit (5:6:5 mode)
TFT 16 bit (1:5:5:5 mode) TFT 24 bit
LPC43xx
pin used
LCD
function
LPC43xx
pin used
LCD
function
LPC43xx pin
used
LCD
function
LPC43xx
pin used
LCD
function
Table 40.
Recommended values for CX1/X2 in oscillation mode (crystal and external
components parameters) low frequency mode
Fundamental oscillation
frequency
Maximum crystal series
resistance RS
External load capacitors
CX1, CX2
2 MHz
< 200
33 pF, 33 pF
< 200
39 pF, 39 pF
< 200
56 pF, 56 pF
4 MHz
< 200
18 pF, 18 pF
< 200
39 pF, 39 pF
< 200
56 pF, 56 pF
8 MHz
< 200
18 pF, 18 pF
< 200
39 pF, 39 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com