Electronic Components Datasheet Search
  English  ▼

X  

LPC4370 Datasheet(PDF) 134 Page - NXP Semiconductors

Part # LPC4370
Description  32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4370 Datasheet(HTML) 134 Page - NXP Semiconductors

Back Button LPC4370 Datasheet HTML 130Page - NXP Semiconductors LPC4370 Datasheet HTML 131Page - NXP Semiconductors LPC4370 Datasheet HTML 132Page - NXP Semiconductors LPC4370 Datasheet HTML 133Page - NXP Semiconductors LPC4370 Datasheet HTML 134Page - NXP Semiconductors LPC4370 Datasheet HTML 135Page - NXP Semiconductors LPC4370 Datasheet HTML 136Page - NXP Semiconductors LPC4370 Datasheet HTML 137Page - NXP Semiconductors LPC4370 Datasheet HTML 138Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 150 page
background image
LPC4370
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2013
134 of 150
NXP Semiconductors
LPC4370
32-bit ARM Cortex-M4/M0 microcontroller
13.7 Minimizing interference between digital signals and 12-bit ADC
signals
To reduce interference from digital signals to the high-speed 12-bit ADC inputs, do not
configure digital pins that are pinned out close to the ADC signals as outputs when using
the 12-bit ADC. For the BGA256 package, the pins with interfering signals are shown in
Table 42.
13.8 12-bit ADCHS input selection
The high-speed, 12-bit ADCHS operates with an internally generated 1.2 V power supply.
The input range for an ADC channel is 800 mV (peak-to-peak) in a band from 0 V to 1.2 V.
The input range Vin_pos is defined by Vin_pos = Vin_neg +/- 400 mV where Vin_neg can
be either generated internally or supplied by the external pin ADCHS_NEG.
The internally generated reference voltage is Vin_neg = 500 mV making the allowed input
voltage Vin_pos on any ADC channel 100 mV
 Vin_pos  900 mV. See Figure 44.
Table 42.
12-bit ADC signal interferences for BGA256 package
12-bit ADC signal
LBGA256
ball
Interfering pins
LBGA256 ball
ADCHS_0
E3
P4_3, PC_0
C2, D4
ADCHS_1
C3
P4_1, P8_0, PC_0
A1, E5, D4
ADCHS_2
A4
PF_10, PF_11
A3, A2
ADCHS_3
A5
PF_9, PF_10
D6, A3
ADCHS_4
C6
P7_7, PB_6
B6, A6
ADCHS_5
B3
PF_11
A2
ADCHS_NEG
B5
P7_7, PF_8
B6, E6
Fig 44. ADCHS input range
Vin_pos
0
-2048
+2047
ADC out
input range
Vin_neg - 400 mV
Vin_neg
Vin_neg + 400 mV
aaa-009653



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com