Electronic Components Datasheet Search
  English  ▼

X  

LPC4370 Datasheet(PDF) 136 Page - NXP Semiconductors

Part # LPC4370
Description  32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4370 Datasheet(HTML) 136 Page - NXP Semiconductors

Back Button LPC4370 Datasheet HTML 132Page - NXP Semiconductors LPC4370 Datasheet HTML 133Page - NXP Semiconductors LPC4370 Datasheet HTML 134Page - NXP Semiconductors LPC4370 Datasheet HTML 135Page - NXP Semiconductors LPC4370 Datasheet HTML 136Page - NXP Semiconductors LPC4370 Datasheet HTML 137Page - NXP Semiconductors LPC4370 Datasheet HTML 138Page - NXP Semiconductors LPC4370 Datasheet HTML 139Page - NXP Semiconductors LPC4370 Datasheet HTML 140Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 150 page
background image
LPC4370
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2013
136 of 150
NXP Semiconductors
LPC4370
32-bit ARM Cortex-M4/M0 microcontroller
13.8.1 Inverting single-ended circuit
For the inverting single-ended circuit only one op-amp is needed. A 1.24 V shunt voltage
reference is used for creating an offset voltage of 450 mV. The disadvantage is that the
signal output of the circuit is inverted. However, this can be easily solved in software by
subtracting the ADC output from 4095, which is the maximum value of the 12-bit result.
(2)
Fig 46. Inverting single-ended circuit for 12-bit ADCHS input
Vout
Vcom
R4
R3
R4
+
--------------------
1
R2
R1
-------
+


Vin_pos
R2
R1
-------
–
=
100 mV - 900 mV
Vcom
Vout
5V
5 V
R3
R2
1.24 V
R1
R4
R5
Vin_pos
0 V - 800 mV (R1 = R2)
0 V - 3.3 V (R1 = 10 x R2)
to ADCHS_n
aaa-009655



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com