Electronic Components Datasheet Search
  English  ▼

X  

LPC4370 Datasheet(PDF) 137 Page - NXP Semiconductors

Part # LPC4370
Description  32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4370 Datasheet(HTML) 137 Page - NXP Semiconductors

Back Button LPC4370 Datasheet HTML 133Page - NXP Semiconductors LPC4370 Datasheet HTML 134Page - NXP Semiconductors LPC4370 Datasheet HTML 135Page - NXP Semiconductors LPC4370 Datasheet HTML 136Page - NXP Semiconductors LPC4370 Datasheet HTML 137Page - NXP Semiconductors LPC4370 Datasheet HTML 138Page - NXP Semiconductors LPC4370 Datasheet HTML 139Page - NXP Semiconductors LPC4370 Datasheet HTML 140Page - NXP Semiconductors LPC4370 Datasheet HTML 141Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 150 page
background image
LPC4370
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2013
137 of 150
NXP Semiconductors
LPC4370
32-bit ARM Cortex-M4/M0 microcontroller
13.8.2 Non-inverting single-ended circuit with gain = 1
The advantage of having a non-inverting circuit comes at the cost of adding an additional
op-amp for a high-impedance voltage reference to prevent the reference level being
influenced by the input signal. This circuit is recommended for an input voltage from
100 mV to 800 mV using the internal negative reference voltage.
(3)
Fig 47. Non-inverting single-ended circuit with gain = 1 for 12-bit ADCHS input
Vout
Vin_pos
Vcom (for R3 = R4 and R1 = R2)
+
=
0 V - 800 mV
100 mV - 900 mV
Vcom
Vin_pos
Vout
5 V
R4
R3
R1
R7
R6
R5
R2
to ADCHS_n
1.24 V
aaa-009656



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com