Electronic Components Datasheet Search
  English  ▼

X  

LPC4370 Datasheet(PDF) 139 Page - NXP Semiconductors

Part # LPC4370
Description  32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4370 Datasheet(HTML) 139 Page - NXP Semiconductors

Back Button LPC4370 Datasheet HTML 135Page - NXP Semiconductors LPC4370 Datasheet HTML 136Page - NXP Semiconductors LPC4370 Datasheet HTML 137Page - NXP Semiconductors LPC4370 Datasheet HTML 138Page - NXP Semiconductors LPC4370 Datasheet HTML 139Page - NXP Semiconductors LPC4370 Datasheet HTML 140Page - NXP Semiconductors LPC4370 Datasheet HTML 141Page - NXP Semiconductors LPC4370 Datasheet HTML 142Page - NXP Semiconductors LPC4370 Datasheet HTML 143Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 150 page
background image
LPC4370
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2013
139 of 150
NXP Semiconductors
LPC4370
32-bit ARM Cortex-M4/M0 microcontroller
14. Package outline
Fig 49. Package outline LBGA256 package
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
MO-192
JEITA
- - -
- - -
SOT740-2
SOT740-2
05-06-16
05-08-04
UNIT
A
max
mm
1.55
0.45
0.35
1.1
0.9
0.55
0.45
17.2
16.8
17.2
16.8
A1
DIMENSIONS (mm are the original dimensions)
LBGA256: plastic low profile ball grid array package; 256 balls; body 17 x 17 x 1 mm
X
A2
b
D
E
e
1
e1
15
e2
15
v
0.25
w
0.1
y
0.12
y1
0.35
1/2 e
1/2 e
A
A2
A1
detail X
D
E
B
A
ball A1
index area
y
y1 C
C
AB
A
B
C
D
E
F
H
K
G
J
L
M
N
P
R
T
2
4
6
8
10
12
14
16
1
3
5
7
9
11
13
15
ball A1
index area
e
e
e1
b
e2
C
C
∅ v M
∅ w M
0
5
10 mm
scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com