Electronic Components Datasheet Search
  English  ▼

X  

LPC4370 Datasheet(PDF) 143 Page - NXP Semiconductors

Part # LPC4370
Description  32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4370 Datasheet(HTML) 143 Page - NXP Semiconductors

Back Button LPC4370 Datasheet HTML 139Page - NXP Semiconductors LPC4370 Datasheet HTML 140Page - NXP Semiconductors LPC4370 Datasheet HTML 141Page - NXP Semiconductors LPC4370 Datasheet HTML 142Page - NXP Semiconductors LPC4370 Datasheet HTML 143Page - NXP Semiconductors LPC4370 Datasheet HTML 144Page - NXP Semiconductors LPC4370 Datasheet HTML 145Page - NXP Semiconductors LPC4370 Datasheet HTML 146Page - NXP Semiconductors LPC4370 Datasheet HTML 147Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 150 page
background image
LPC4370
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2013
143 of 150
NXP Semiconductors
LPC4370
32-bit ARM Cortex-M4/M0 microcontroller
16. Abbreviations
Table 43.
Abbreviations
Acronym
Description
ADC
Analog-to-Digital Converter
AHB
Advanced High-performance Bus
APB
Advanced Peripheral Bus
API
Application Programming Interface
BOD
BrownOut Detection
CAN
Controller Area Network
CMAC
Cipher-based Message Authentication Code
CSMA/CD
Carrier Sense Multiple Access with Collision Detection
DAC
Digital-to-Analog Converter
DC-DC
Direct Current-to-Direct Current
DMA
Direct Memory Access
GPIO
General Purpose Input/Output
IRC
Internal RC
IrDA
Infrared Data Association
JTAG
Joint Test Action Group
LCD
Liquid Crystal Display
LSB
Least Significant Bit
MAC
Media Access Control
MCU
MicroController Unit
MIIM
Media Independent Interface Management
n.c.
not connected
OHCI
Open Host Controller Interface
OTG
On-The-Go
PHY
Physical Layer
PLL
Phase-Locked Loop
PMC
Power Mode Control
PWM
Pulse Width Modulator
RIT
Repetitive Interrupt Timer
RMII
Reduced Media Independent Interface
SDRAM
Synchronous Dynamic Random Access Memory
SIMD
Single Instruction Multiple Data
SPI
Serial Peripheral Interface
SSI
Serial Synchronous Interface
SSP
Synchronous Serial Port
UART
Universal Asynchronous Receiver/Transmitter
ULPI
UTMI+ Low Pin Interface
USART
Universal Synchronous Asynchronous Receiver/Transmitter
USB
Universal Serial Bus
UTMI
USB2.0 Transceiver Macrocell Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com