Electronic Components Datasheet Search
  English  ▼

X  

LPC4370 Datasheet(PDF) 146 Page - NXP Semiconductors

Part # LPC4370
Description  32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4370 Datasheet(HTML) 146 Page - NXP Semiconductors

Back Button LPC4370 Datasheet HTML 142Page - NXP Semiconductors LPC4370 Datasheet HTML 143Page - NXP Semiconductors LPC4370 Datasheet HTML 144Page - NXP Semiconductors LPC4370 Datasheet HTML 145Page - NXP Semiconductors LPC4370 Datasheet HTML 146Page - NXP Semiconductors LPC4370 Datasheet HTML 147Page - NXP Semiconductors LPC4370 Datasheet HTML 148Page - NXP Semiconductors LPC4370 Datasheet HTML 149Page - NXP Semiconductors LPC4370 Datasheet HTML 150Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 146 / 150 page
background image
LPC4370
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2013
146 of 150
NXP Semiconductors
LPC4370
32-bit ARM Cortex-M4/M0 microcontroller
Modifications:
• Parameter ILH (High-level leakage current) for condition VI = 5 V changed to 20 nA
(max). See Table 10.
• Parameter VDDA(3V3) added for pins USB0_VDDA3V3_DRIVER and
USB0_VDDA3V3 in Table 10.
• Maximum speed for SPI added in Section 7.19.3.
• SPIFI speed changed to 53 MB/s.
• Section 7.23.9.1 “Memory retention in Power-down modes” added.
• IDD(REG)(3V3) for Power-down mode with M0SUB SRAM memory retained added in
Table 10.
• SPI timing data added. See Table 22.
Modifications:
• SGPIO timing data added. See Table 24.
• SPI and SGPIO peripheral power consumption added in Table 11.
• Corrected max voltage on pins USB0_DP, USB0_DM, USB0_VBUS, USB1_DP, and
USB1_DM in Table 7 and Table 10 to be consistent with USB specifications.
LPC4371_70 v.1
20120808
Objective data sheet
-
LPC43A50_30_20 v.0.5
Modifications:
• Power consumption data in Section 10 “Static characteristics” updated.
• BOD levels updated in Table 12.
• 12-bit ADC characterisation added in Table 33.
• Pinout corrected for the LBGA256 package in Table 3: Function ADCHS_3 moved to
ball A5 and Function ADCHS_NEG moved to ball B5.
• SWD removed for ARM Cortex-M0 core.
Table 44.
Revision history …continued
Document ID
Release date Data sheet status
Change notice
Supersedes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com