Electronic Components Datasheet Search
  English  ▼

X  

LPC4370 Datasheet(PDF) 145 Page - NXP Semiconductors

Part # LPC4370
Description  32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4370 Datasheet(HTML) 145 Page - NXP Semiconductors

Back Button LPC4370 Datasheet HTML 141Page - NXP Semiconductors LPC4370 Datasheet HTML 142Page - NXP Semiconductors LPC4370 Datasheet HTML 143Page - NXP Semiconductors LPC4370 Datasheet HTML 144Page - NXP Semiconductors LPC4370 Datasheet HTML 145Page - NXP Semiconductors LPC4370 Datasheet HTML 146Page - NXP Semiconductors LPC4370 Datasheet HTML 147Page - NXP Semiconductors LPC4370 Datasheet HTML 148Page - NXP Semiconductors LPC4370 Datasheet HTML 149Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 150 page
background image
LPC4370
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2013
145 of 150
NXP Semiconductors
LPC4370
32-bit ARM Cortex-M4/M0 microcontroller
18. Revision history
Table 44.
Revision history
Document ID
Release date Data sheet status
Change notice
Supersedes
LPC4370 v.2
20131021
Product data sheet
-
LPC4371_70 v.1.1
Modifications:
• Part LPC4371 removed.
• LCD added to part LPC4370.
• Data sheet title changed to LPC4370.
• VADC renamed to ADCHS throughout the document. Pin VADC_NEG renamed to
ADCHS_NEG.
• OTP memory size available for general-purpose use corrected.
• SD/MMC timing parameters corrected. See Table 32.
• Band gap characteristics removed.
• Description of RESET pin updated in Table 3.
• Table note 9 added in Table 10.
• Minimum value of parameter VDC changed to 0.1 V. See Table 34 “12-bit ADC
characteristics”.
• Section 13.8 “12-bit ADCHS input selection” added.
• Table 12 “Peripheral power consumption 12-bit ADCHS” added.
• Data sheet status changed to Product data sheet.
LPC4371_70 v.1.1
02112013
Objective data sheet
-
LPC4371_70 v.1
Modifications:
• SSP0 boot pin functions corrected in Table 5 and Table 4. Pin P3_3 = SSP0_SCK, pin
P3_6 = SSP0_SSEL, pin P3_7 = SSP0_MISO, pin P3_8 = SSP0_MOSI.
• Section 13.7 “Minimizing interference between digital signals and 12-bit ADC signals”
added. Pin description table updated with Table note 13.
• TFBGA100 package added.
• Table 7 “Limiting values” updated.
• Parameter name IDD(ADC) changed to IDDA in Table 10.
• Minimum value for parameter VIL changed to 0 V in Table 10.
• Added note to limit data in Table 25 “Dynamic characteristics: Static asynchronous
external memory interface” to single memory accesses.
• Table 23 “Dynamic characteristics: SPIFI” added.
• Power consumption in active mode corrected. See parameter IDD(REG)(3V3) in Table 10
and graphs Figure 8, Figure 9, and Figure 10.
• Band gap characteristics added. See Table 13 and Figure 17.
• Value of parameter IDD(REG)(3V3) in deep power-down increased to 0.03 μA in
Table 10.
• Value of parameter IDD(IO) in deep power-down increased to 0.05 μA in Table 10.
• Figure 4 “AHB multilayer matrix master and slave connections” updated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com