Electronic Components Datasheet Search
  English  ▼

X  

AFBR-810BZ Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-810BZ
Description  Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-810BZ Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-810BZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
8
Absolute Maximum Ratings
Stress in excess of any of the individual Absolute Maximum Ratings can cause immediate catastrophic damage to the
module even if all other parameters are within Recommended Operation Conditions. It should not be assumed that
limiting values of more than one parameter can be applied to the module concurrently. Exposure to any of the Absolute
Maximum Ratings for extended periods can adversely affect reliability.
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
TS
-40
100
°C
Case Temperature – Operating
TC AMR
-20
90
°C
1
2.5 V Power Supply Voltage
VCC25
-0.5
3.0
V
3.3 V Power Supply Voltage
VCC33
-0.5
3.6
V
Data Input Voltage – Single Ended
-0.5
VCC33+0.5,
VCC25+0.5
V
2
Data Input Voltage – Differential
|VDIP - VDIN|
1.0
V
3
Control Input Voltage
Vi
-0.5
VCC33+0.5, 3.6
V
4
Control Output Current
Io
-20
20
mA
Relative Humidity
RH
5
95
%
Notes:
1. The position for case temperature measurement is shown in Figure 11. Operation at or above the maximum Absolute Maximum Case Temperature
for extended periods may adversely affect reliability. Optical and electrical characteristics are not defined for operation outside the Recommended
Operating Conditions.
2. The maximum limit is the lesser of Vcc33 + 0.5 V or Vcc25+ 0.5 V.
3. This is the maximum voltage that can be applied across the differential inputs without damaging the input circuitry.
4. The maximum limit is the lesser of Vcc33 + 0.5 V or 3.6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com