Electronic Components Datasheet Search
  English  ▼

X  

AFBR-810BZ Datasheet(PDF) 43 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-810BZ
Description  Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-810BZ Datasheet(HTML) 43 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-810BZ Datasheet HTML 39Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 40Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 41Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 42Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 43Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 44Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 45Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 46Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 47Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
43
Address
Type
Field Name/Description
Byte
Bit
234
7-4
RWn
Rx Output De-emphasis Control: Channel 11. See below for code description. Default = 4
234
3-0
RWn
Rx Output De-emphasis Control: Channel 10. See below for code description. Default = 4
235
7-4
RWn
Rx Output De-emphasis Control: Channel 9. See below for code description. Default = 4
235
3-0
RWn
Rx Output De-emphasis Control: Channel 8. See below for code description. Default = 4
236
7-4
RWn
Rx Output De-emphasis Control: Channel 7. See below for code description. Default = 4
236
3-0
RWn
Rx Output De-emphasis Control: Channel 6. See below for code description. Default = 4
237
7-4
RWn
Rx Output De-emphasis Control: Channel 5. See below for code description. Default = 4
237
3-0
RWn
Rx Output De-emphasis Control: Channel 4. See below for code description. Default = 4
238
7-4
RWn
Rx Output De-emphasis Control: Channel 3. See below for code description. Default = 4
238
3-0
RWn
Rx Output De-emphasis Control: Channel 2. See below for code description. Default = 4
239
7-4
RWn
Rx Output De-emphasis Control: Channel 1. See below for code description. Default = 4
239
3-0
RWn
Rx Output De-emphasis Control: Channel 0. See below for code description. Default = 4
240-243
all
RWn
Reserved: Coded 00h
244-249
all
RWv
Reserved: Coded 00h
250
7
RWv
Mask High Rx Power Alarm Channel 11: Writing 1 Prevents IntL generation, Default = 0
250
6
RWv
Mask Low Rx Power Alarm Channel 11: Writing 1 Prevents IntL generation, Default = 0
250
5-4
RWv
Reserved
250
3
RWv
Mask High Rx Power Alarm Channel 10: Writing 1 Prevents IntL generation, Default = 0
250
2
RWv
Mask Low Rx Power Alarm Channel 10: Writing 1 Prevents IntL generation, Default = 0
250
1-0
RWv
Reserved
251
7
RWv
Mask Bt High Rx Power Alarm Channel 9: Writing 1 Prevents IntL generation, Default = 0
251
6
RWv
Mask Low Rx Power Alarm Channel 9: Writing 1 Prevents IntL generation, Default = 0
251
5-4
RWv
Reserved
251
3
RWv
Mask High Rx Power Alarm Channel 8: Writing 1 Prevents IntL generation, Default = 0
251
2
RWv
Mask Low Rx Power Alarm Channel 8: Writing 1 Prevents IntL generation, Default = 0
251
1-0
RWv
Reserved
252
7
RWv
Mask High Rx Power Alarm Channel 7: Writing 1 Prevents IntL generation, Default = 0
252
6
RWv
Mask Low Rx Power Alarm Channel 7: Writing 1 Prevents IntL generation, Default = 0
252
5-4
RWv
Reserved
252
3
RWv
Mask High Rx Power Alarm Channel 6: Writing 1 Prevents IntL generation, Default = 0
252
2
RWv
Mask Low Rx Power Alarm Channel 6: Writing 1 Prevents IntL generation, Default = 0
252
1-0
RWv
Reserved
253
7
RWv
Mask High Rx Power Alarm Channel 5: Writing 1 Prevents IntL generation, Default = 0
253
6
RWv
Mask Low Rx Power Alarm Channel 5: Writing 1 Prevents IntL generation, Default = 0
253
5-4
RWv
Reserved
253
3
RWv
Mask High Rx Power Alarm Channel 4: Writing 1 Prevents IntL generation, Default = 0
253
2
RWv
Mask Low Rx Power Alarm Channel 4: Writing 1 Prevents IntL generation, Default = 0
253
1-0
RWv
Reserved
254
7
RWv
Mask High Rx Power Alarm Channel 3: Writing 1 Prevents IntL generation, Default = 0
254
6
RWv
Mask Low Rx Power Alarm Channel 3: Writing 1 Prevents IntL generation, Default = 0
254
5-4
RWv
Reserved
254
3
RWv
Mask High Rx Power Alarm Channel 2: Writing 1 Prevents IntL generation, Default = 0
254
2
RWv
Mask Low Rx Power Alarm Channel 2: Writing 1 Prevents IntL generation, Default = 0
254
1-0
RWv
Reserved
255
7
RWv
Mask High Rx Power Alarm Channel 1: Writing 1 Prevents IntL generation, Default = 0
255
6
RWv
Mask Low Rx Power Alarm Channel 1: Writing 1 Prevents IntL generation, Default = 0
255
5-4
RWv
Reserved
255
3
RWv
Mask High Rx Power Alarm Channel 0: Writing 1 Prevents IntL generation, Default = 0
255
2
RWv
Mask Low Rx Power Alarm Channel 0: Writing 1 Prevents IntL generation, Default = 0
255
1-0
RWv
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com