Electronic Components Datasheet Search
  English  ▼

X  

AFBR-810BZ Datasheet(PDF) 36 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-810BZ
Description  Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-810BZ Datasheet(HTML) 36 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-810BZ Datasheet HTML 32Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 33Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 34Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 35Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 36Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 37Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 38Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 39Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 40Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
36
Address
Type
Field Name/Description
Byte
Bit
251
5-4
RWv
Reserved
251
3
RWv
Mask High Tx Power Alarm Channel 8: Writing 1 Prevents IntL generation, Default = 0
251
2
RWv
Mask Low Tx Power Alarm Channel 8: Writing 1 Prevents IntL generation, Default = 0
251
1-0
RWv
Reserved
252
7
RWv
Mask High Tx Power Alarm Channel 7: Writing 1 Prevents IntL generation, Default = 0
252
6
RWv
Mask Low Tx Power Alarm Channel 7: Writing 1 Prevents IntL generation, Default = 0
252
5-4
RWv
Reserved
252
3
RWv
Mask High Tx Power Alarm Channel 6: Writing 1 Prevents IntL generation, Default = 0
252
2
RWv
Mask Low Tx Power Alarm Channel 6: Writing 1 Prevents IntL generation, Default = 0
252
1-0
RWv
Reserved
253
7
RWv
Mask High Tx Power Alarm Channel 5: Writing 1 Prevents IntL generation, Default = 0
253
6
RWv
Mask Low Tx Power Alarm Channel 5: Writing 1 Prevents IntL generation, Default = 0
253
5-4
RWv
Reserved
253
3
RWv
Mask High Tx Power Alarm Channel 4: Writing 1 Prevents IntL generation, Default = 0
253
2
RWv
Mask Low Tx Power Alarm Channel 4: Writing 1 Prevents IntL generation, Default = 0
253
1-0
RWv
Reserved
254
7
RWv
Mask High Tx Power Alarm Channel 3: Writing 1 Prevents IntL generation, Default = 0
254
6
RWv
Mask Low Tx Power Alarm Channel 3: Writing 1 Prevents IntL generation, Default = 0
254
5-4
RWv
Reserved
254
3
RWv
Mask High Tx Power Alarm Channel 2: Writing 1 Prevents IntL generation, Default = 0
254
2
RWv
Mask Low Tx Power Alarm Channel 2: Writing 1 Prevents IntL generation, Default = 0
254
1-0
RWv
Reserved
255
7
RWv
Mask High Tx Power Alarm Channel 1: Writing 1 Prevents IntL generation, Default = 0
255
6
RWv
Mask Low Tx Power Alarm Channel 1: Writing 1 Prevents IntL generation, Default = 0
255
5-4
RWv
Reserved
255
3
RWv
Mask High Tx Power Alarm Channel 0: Writing 1 Prevents IntL generation, Default = 0
255
2
RWv
Mask Low Tx Power Alarm Channel 0: Writing 1 Prevents IntL generation, Default = 0
255
1-0
RWv
Reserved
Transmitter Input Equalization Control Code Description
Control registers 228 through 233 permit input equalization control. Four bit code blocks (either bits 7 through 4 or 3
through 0 where bit 7 or 3 is the msb) are assigned to each channel.
Codes 1xxx are reserved.
Code 0111 calls for full scale equalization and code 0000 calls for no equalization.
Intermediate code values provide intermediate levels of compensation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com