Electronic Components Datasheet Search
  English  ▼

X  

AFBR-810BZ Datasheet(PDF) 14 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-810BZ
Description  Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-810BZ Datasheet(HTML) 14 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-810BZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
14
Receiver Optical Characteristics
The following characteristics are defined over the Recommended Operating Conditions unless otherwise noted. Typical
values are for Tc = °C, Vcc33 = 3.3 V and Vcc25 = 2.5 V.
Parameter
Symbol
Min
Typ
Max
Units
Reference
Input Optical Power Sensitivity (OMA)
-11
dBm
1, Informative,
Default Signal
Rate
Input Optical Power Saturation
PSAT AVE
-1.0
dBm
2
Operating Center Wavelength
830
860
nm
Return Loss
12
dB
LOS Asserted Threshold – OMA
PLOS OMA
-26
-19
dBm
LOS De-asserted – OMA
-17
-12
dBm
LOS Hysteresis
0.5
2
dB
3
Notes:
1. Sensitivity is defined as the input OMA needed to produce a BER ≤10-12 at the center of the signal period using test pattern 2 defined in IEEE
P802.3ae clause 52.9.1, or equivalent, operating at 10 GBd. Effects of impairments in the test signal due to the test system are removed from the
measurement. All channels not under test are operating with similar test patterns and input signals 6 dB above PIN MIN.
2. Saturation is defined as the average input power (ER = 6 dB) that at the receiver output produces an eye width less than the Reference Link Output
Eye Width Minimum (tEYE LINK) for a BER ≤10-12 using test pattern 2 defined in IEEE P802.3ae clause 52.9.1, or equivalent, operating at 10 GBd.
Effects of impairments in the test signal due to the test system are removed from the measurement.
3. Signal Detect Hysteresis is defined as 10 Log(LOS De-assert Level / LOS Assert Level).
Regulatory Compliance Table (When released, the AFBR-810BxxZ and AFBR-820xxxZ will support this table.)
Feature
Test Method
Performance
Electrostatic Discharge
(ESD) to the Electrical Contacts
JEDEC Human Body Model (HBM)
(JESD22-A114-B)
JEDEC Machine Model (MM)
(JESD22-A115-A)
Transmitter module withstands minimum 2000 V
Receiver module withstands minimum 2000 V
Transmitter module withstands minimum 100 V
Receiver module withstands minimum 100 V
Electrostatic Discharge (ESD) to
Optical Connector Receptacle
Variation of IEC 61000-4-2
Typically withstands at least 6 kV air discharge with
module biased
Electromagnetic Interference
(EMI)
FCC Part 15 CENELEC EN55022
(CISPR 22A) VCCI Class 1
Typically passes with 10 dB margin. Actual
performance dependent on enclosure design.
Immunity
Variation of IEC 61000-4-3
Typically minimal effect from a 10 V/m field swept
from 80 MHz to 1 GHz applied to the module
without a chassis enclosure.
Laser Eye Safety and Equipment
Type Testing
IEC 60825-1 Amendment 2
CFR 21 Section 1040
Pout: IEC AEL & US FDA CDRH Class 1M
CDRH Accession Number: 9720151-074
TUV Certificate Number: 72060862
Component Recognition
Underwriters Laboratories and Canadian
Standards Association Joint Component
Recognition for Information Technology
Equipment including Electrical Business
Equipment
UL File Number: E173874
RoHS Compliance
Less than 100 ppm of cadmium, lead, mercury,
hexavalent chromium, polybrominated biphenyls,
and polybrominated biphenyl esters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com