Electronic Components Datasheet Search
  English  ▼

X  

AFBR-810BZ Datasheet(PDF) 18 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-810BZ
Description  Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-810BZ Datasheet(HTML) 18 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-810BZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 22Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
18
Figure 18. Power-up Sequence
tPWRINIT
VCC 33
VCC 25
VCC 25 > 2.375 V
TWS Signals
Normal
Operation
Inhibited
TX Outputs
Normal
Operation
Disabled
...
RX Outputs
Normal
Operation
Disabled
Figure 19. ResetL Sequence
tRSTL OFF
Reset L
tRSTL PW
tRSTL ON
TX Outputs
Normal
Operation
Disabled
Normal
Operation
tRSTL ON
...
RX Outputs
Normal
Operation
Disabled
Normal
Operation
tRSTL ON
TWS Signals
Normal
Operation
Inhibited
Normal
Operation
Figure 20. Interrupt Sequence
Interrupt Event
SCL
Flag Bit
tFLAG ON
tINTL PW
tINTL ON
IntL
SDA
Normal
Operation
Normal
Operation
tFLAG OFf
tINTL OFF
TWS Read
Transaction
Stop Bit
IntL Pulse Mode
IntL Static Mode
TWS Write
Transaction
Stop Bit
tDIS ON
SCL
SDA
TX Output
Normal
Operation
Disabled
RX Output
Normal
Operation
Disabled
tDIS ON
TWS Write
Transaction
Stop Bit
Normal
Operation
Normal
Operation
tDIS OFF
tDIS OFF
Figure 21. Channel Disable Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com