Electronic Components Datasheet Search
  English  ▼

X  

AFBR-810BZ Datasheet(PDF) 27 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-810BZ
Description  Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-810BZ Datasheet(HTML) 27 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-810BZ Datasheet HTML 23Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 24Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 25Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 26Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 27Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 28Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 29Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 30Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 31Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
27
3. Tx Memory Map 5ih Lower Page
Details of the base or lower page of the memory map for a transmitter follow.
Address
Type
Field Name/Description
Byte
Bit
0
all
RO
Type Identifier: Coded 00h for unspecified
1
all
RO
Reserved: Coded 00h
2
7-4
RO
Reserved: Coded 0000b
2
3
RO
Fault Status: Coded 1 when a Fault flag (bytes 11 and 12 of this page) is asserted for any channel, else 0. Clears
when Fault flags are cleared.
2
2
RO
LOS Status: Coded 1 when a LOS flag (bytes 9 and 10 of this page) is asserted for any channel, else 0. Clears when
LOS flags are cleared.
2
1
RO
IntL Status: Coded 1 for asserted IntL. Clears to 0 when all flags including LOS and Fault are cleared.
2
0
RO
Data Not Ready: Coded 1 until data is available in monitor registers. Coded 0 in normal operation.
3 - 7
all
RO
Reserved: Coded 00h
8
0
Module Ready Interrupt. Coded 1 when asserted and module is Ready to respond to TWS commands, Latched,
Clears on Read.
9
7-4
RO
Reserved: Coded 0000b
9
3
RO
LOS Latched Tx Channel 11: Coded 1 when asserted, Latched, Clears on Read.
9
2
RO
LOS Latched Tx Channel 10: Coded 1 when asserted, Latched, Clears on Read.
9
1
RO
LOS Latched Tx Channel 9: Coded 1 when asserted, Latched, Clears on Read.
9
0
RO
LOS Latched Tx Channel 8: Coded 1 when asserted, Latched, Clears on Read.
10
7
RO
LOS Latched Tx Channel 7: Coded 1 when asserted, Latched, Clears on Read.
10
6
RO
LOS Latched Tx Channel 6: Coded 1 when asserted, Latched, Clears on Read.
10
5
RO
LOS Latched Tx Channel 5: Coded 1 when asserted, Latched, Clears on Read.
10
4
RO
LOS Latched Tx Channel 4: Coded 1 when asserted, Latched, Clears on Read.
10
3
RO
LOS Latched Tx Channel 3: Coded 1 when asserted, Latched, Clears on Read.
10
2
RO
LOS Latched Tx Channel 2: Coded 1 when asserted, Latched, Clears on Read.
10
1
RO
LOS Latched Tx Channel 1: Coded 1 when asserted, Latched, Clears on Read.
10
0
RO
LOS Latched Tx Channel 0: Coded 1 when asserted, Latched, Clears on Read.
11
7-4
RO
Reserved: Coded 0000b
11
3
RO
Fault Latched Tx Channel 11: Coded 1 when asserted, Latched, Clears on Read.
11
2
RO
Fault Latched Tx Channel 10: Coded 1 when asserted, Latched, Clears on Read.
11
1
RO
Fault Latched Tx Channel 9: Coded 1 when asserted, Latched, Clears on Read.
11
0
RO
Fault Latched Tx Channel 8: Coded 1 when asserted, Latched, Clears on Read.
12
7
RO
Fault Latched Tx Channel 7: Coded 1 when asserted, Latched, Clears on Read.
12
6
RO
Fault Latched Tx Channel 6: Coded 1 when asserted, Latched, Clears on Read.
12
5
RO
Fault Latched Tx Channel 5: Coded 1 when asserted, Latched, Clears on Read.
12
4
RO
Fault Latched Tx Channel 4: Coded 1 when asserted, Latched, Clears on Read.
12
3
RO
Fault Latched Tx Channel 2: Coded 1 when asserted, Latched, Clears on Read.
12
2
RO
Fault Latched Tx Channel 2: Coded 1 when asserted, Latched, Clears on Read.
12
1
RO
Fault Latched Tx Channel 1: Coded 1 when asserted, Latched, Clears on Read.
12
0
RO
Fault Latched Tx Channel 0: Coded 1 when asserted, Latched, Clears on Read.
13
7
RO
High Internal Temperature Alarm Latched: Coded 1 when asserted, Latched, Clears on Read.
13
6
RO
Low Internal Temperature Alarm Latched: Coded 1 when asserted, Latched, Clears on Read.
13
5-0
RO
Reserved
14
7
RO
High Internal 3.3 Vcc Alarm Latched: Coded 1 when asserted, Latched, Clears on Read.
14
6
RO
Low Internal 3.3 Vcc Alarm Latched: Coded 1 when asserted, Latched, Clears on Read.
14
5-4
RO
Reserved
14
3
RO
High Internal 2.5 Vcc Alarm Latched: Coded 1 when asserted, Latched, Clears on Read.
14
2
RO
Low Internal 2.5 Vcc Alarm Latched: Coded 1 when asserted, Latched, Clears on Read.
14
1-0
RO
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com