Electronic Components Datasheet Search
  English  ▼

X  

AFBR-810BZ Datasheet(PDF) 44 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-810BZ
Description  Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-810BZ Datasheet(HTML) 44 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-810BZ Datasheet HTML 40Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 41Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 42Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 43Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 44Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 45Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 46Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 47Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 48Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
44
Receiver Output Amplitude Control Code Description
Control registers 228 through 233 permit output signal amplitude selection. Four bit code blocks (either bits 7 through
4 or 3 through 0 where bit 7 or 3 is the msb) are assigned to each channel. Codes 1xxx are reserved. Code 0111 calls for
full scale signal amplitude and code 0000 calls for minimum signal amplitude. See table below.
Code
Receiver Output Amplitude – No De-emphasis
Reference
Min
Nominal
Max
Units
1xxxb
Reserved
0111b
850
mVpp
Full Scale
0110b
760
mVpp
0101b
670
mVpp
0100b
580
mVpp
0011b
490
mVpp
0010b
400
mVpp
0001b
310
mVpp
0000b
220
mVpp
Receiver Output De-emphasis Control Code Description
Control registers 234 through 239 permit output de-emphasis selection. Four bit code blocks (either bits 7 through 4 or
3 through 0 where bit 7 or 3 is the msb) are assigned to each channel.
Codes 1xxx are reserved.
Code 0111 calls for full scale, 6 dB, de-emphasis and code 0000 calls for no de-emphasis.
Intermediate code values yield intermediate de-emphasis levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com