Electronic Components Datasheet Search
  English  ▼

X  

AFBR-810BZ Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-810BZ
Description  Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-810BZ Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-810BZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
5
Receiver Output Amplitude and De-emphasis
Receiver outputs can be programmed to provide several
levels of amplitude and de-emphasis. See Figure 5 for
de-emphasis definition. The user can program for peak-
to-peak amplitude and then a de-emphasis level. If zero
de-emphasisisselected,thenthesignalsteadystateequals
the peak-to-peak level. For other levels of de-emphasis the
selected de-emphasis reduces the steady-state from the
peak-to-peak level. The change from peak-to-peak level to
steady-state occurs within a bit time. See Rx Memory Map
01h Upper Page section addresses 228 - 233 for amplitude
programming details and addresses 234 – 239 for
de-emphasis programming details. For optimal performance at
10 Gb/s, lowering the De-Emphasis setting below the default value of 4
is not recommended.
1 bit
Data
1
0
0
0
0
0
1
1
1
1
Output
Voltage
De-Emphasis (DE)
Steady-State (SS)
De-Emphasis % = (DE/SS)(100%)
Figure 5. Definition of De-emphasis and Steady State
Control Signal Interface
The control interface includes dedicated signals for
address inputs, interrupt output and reset input and bidi-
rectional clock and data lines for a two-wire serial access
(TWS interface) to control and status and information
registers. The TWS interface is compatible with industry
standard two-wire serial protocol scaled for 3.3 volt LVTTL.
It is implemented as a slave device. Signal and timing
characteristics are further defined in the Control Charac-
teristics and Control Interface & Memory Map sections.
The registers of the serial interface memory are defined in
the Control Interface & Memory Map section.
Regulatory & Compliance Issues
Various standard and regulations apply to the modules.
These include eye-safety, EMC, ESD and RoHS. See the Reg-
ulatory Section for details regarding these and component
recognition. Please note the transmitter module is a Class
1M laser product – DO NOT VIEW RADIATION DIRECTLY
WITH OPTICAL INSTRUMENTS. See Regulatory Compliance
Table for details. When released, the AFBR- will support
this table.
Package Outline
The module is designed to meet the package outline
defined in the PPOD MSA. This MSA follows the outline
of the SNAP12 MSA except for the position of the MEG-
Array connector and pin assignments. See the package
outline and host board footprint figures (Figures 23 -26)
for details.
Handling and Cleaning
The transmitter and receiver modules can be damaged
by exposure to current surges and over voltage events.
Care should be taken to restrict exposure to the condi-
tions defined in the Absolute Maximum Ratings. Wave
soldering, reflow soldering and/or aqueous wash process
with the modules on board are not recommended. Normal
handling precautions for electrostatic discharge sensitive
devices should be observed.
Each module is supplied with an inserted port plug for
protection of the optical ports. This plug should always be
in place whenever a fiber cable is not inserted.
The optical connector includes recessed elements that
are exposed whenever a cable or port plug is not inserted.
Prior to insertion of a fiber optic cable, it is recommended
that the cable end be cleaned to avoid contamination
from the cable plug. The port plug ensures the Optic
remain clean and no addition cleaning should be needed.
In the event of contamination, dry nitrogen or clean dry
air at less than 20 psi can be used to dislodge the contami-
nation. The optical port features (e.g. guide pins) preclude
use of a solid instrument. Liquids are also not advised.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com