Electronic Components Datasheet Search
  English  ▼

X  

AFBR-810BZ Datasheet(PDF) 24 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-810BZ
Description  Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-810BZ Datasheet(HTML) 24 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-810BZ Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 22Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 23Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 24Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 25Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 26Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 27Page - AVAGO TECHNOLOGIES LIMITED AFBR-810BZ Datasheet HTML 28Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
24
Control Interface & Memory Map
The control interface combines dedicated signal lines for
address inputs, Adr[2:0], interrupt output, IntL, and reset
input, ResetL, with two-wire serial, TWS, interface clock,
SCL, and data, SDA, signals to provide users rich function-
ality over an efficient and easily used interface. The TWS
interface is implemented as a slave device and compatible
with industry standard two-wire serial protocol. It is scaled
for 3.3 volt LVTTL. Outputs are high-z in the high state to
support busing of these signals. Signal and timing char-
acteristics are further defined in the Control I/O Charac-
teristics section. In general, TWS bus timing and protocols
follow the implementation popularized in Atmel Two-
wire Serial EEPROMs. For additional details see, e.g., Atmel
AT24C01A.
The address signals, Adr2, Adr1 and Adr0, provide the
ability to program the TWS bus address of the module.
The module address has the binary form 0101hjkx, where
h, j and k correspond to Adr2, Adr1 and Adr0, respec-
tively and x corresponds to the Read/Write command bit.
Modules will respond to TWS bus addresses in the range
of 50h1 to 5Fh (hereafter 5ih) depending upon the state of
Adr2, Adr1 and Adr0. The address B0(h) should be avoided
on the TWS bus where these modules are used.
An interrupt signal, IntL, is used to alert the host of a loss
of input signal (LOS), transmitter fault conditions and/or
assertion of any monitor flag. This reduces the need for
dedicated status signal lines and polling the status and
monitor registers while maintaining timely alerts to sig-
nificant events. IntL can be programmed (page 01h byte
225 bit 0) to either pulse or static mode with pulse as the
default mode.
A dedicated module reset signal, ResetL, is provided in
case the TWS interface becomes dysfunctional. When
ResetL is asserted, the outputs are disabled, TWS interface
commands are inhibited and the module returns to
factory default settings except Non-volatile Read-Write
(RWn) registers which retain the last write. A module
register (memory map except the non-volatile registers)
reset can also be initiated over the TWS interface (page
5ih byte 91, bit 0). A TWS reset can be initiated by nine
SLA clock cycles with SDA high in each cycle and creating
a start condition.
With the TWS interface the user can read a status register
(page 5ih byte 2) to see if data is available in the monitor
registers, if the module has generated an IntL that has not
been cleared and global status reports for loss of signal
and fault conditions
LOS, Tx fault and/or monitor flag registers can be accessed
to check the status of individual channels or which channel
may have generated a recent IntL. LOS,Tx fault and flag bits
remain set (latched) after assertion even in the event the
condition changes and operation resumes until cleared
by the read operation of the associated registers or reset
by ResetL or the TWS module reset function.
The user can read the present value of the various monitors.
For transmitters and receivers, internal module temperature
and supply voltages are reported. For transmitters, monitors
provide for each channel laser bias current and laser light
output power (LOP) information. For receivers, input
power (Pave) is monitored for each channel. In addition,
elapsed operating time is reported. All monitor items are
two-byte fields and to maintain coherency, the host must
access these with single two-byte read sequences. For each
monitored item, alarm thresholds are established. If an item
moves past a threshold, a flag is set, and, provided the item
is not masked, IntL is asserted. The threshold settings are
available in the upper memory page, 01h.
The user can select either a pulse or static mode for the
interruptsignalIntLandinitiateamoduleregisterreset.The
user is provided the ability to disable individual channels.
For transmitters, equalization levels can be independently
set for individual channels. For receivers, output signal
amplitude, de-emphasis levels and rate select can be inde-
pendently set for individual channels. In the upper page,
01h, control field the user can invert the truth of the dif-
ferential inputs for individual transmitter channel and for
the differential outputs of individual receiver channels. In
addition, the user can disable the output squelch function
on an individual channel basis for both transmitters and
receivers. For transmitters the user can, on an individual
channel basis, activate a margin mode that reduces the
output optical modulation amplitude for the channel.
All non-volatile control registers are located in the upper
page 01(h). Non-volatile functions include the IntL mode
selection bit, input and output polarity flip bits, transmit-
ter equalization control bits, receiver output amplitude
control and receiver output de-emphasis control. Entries
into these registers will retain the last write for supply
voltage cycles and for ResetL and module register resets.
Volatile functions include module register reset, channel
disable, squelch disable and margin activation.
A mask bit that can be set to prevent assertion of IntL
for the individual item exists for every LOS, Tx fault and
monitor flag. Mask fields for LOS, Tx fault and module
monitors are in the lower memory page, 5ih, and the mask
field for the channel monitors are in the upper page 01h.
Entries in the mask fields are volatile.
Page 00h, based on the Serial ID pages of XFP and QSFP,
provides module identity and information regarding the
capabilities of the module.
1. In terms ##h, the h indicates that ## is hexadecimal, if ##b, b indicates binary and if ##, then decimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com